Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2267 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN2267
Szczegółowy opis  Implementation of current regulator for BLDC motor control with ST7FMC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2267 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN2267 Datasheet HTML 1Page - STMicroelectronics AN2267 Datasheet HTML 2Page - STMicroelectronics AN2267 Datasheet HTML 3Page - STMicroelectronics AN2267 Datasheet HTML 4Page - STMicroelectronics AN2267 Datasheet HTML 5Page - STMicroelectronics AN2267 Datasheet HTML 6Page - STMicroelectronics AN2267 Datasheet HTML 7Page - STMicroelectronics AN2267 Datasheet HTML 8Page - STMicroelectronics AN2267 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Obtaining the average current
AN2267
4/19
2
Obtaining the average current
For linear torque control, it is important that we sample the average phase current as
feedback to the current regulator. It is best to get this information from the DC link current
using only a shunt resistor because of its low cost and simplicity. However, the DC link
current is not continuous and is present only during PWM on time. As a simple model for
current control, assume a simple buck converter feeding an RL load as shown in Figure 3.
Figure 3.
Buck converter feeding an RL load
The switching frequency, PWM on time and load inductance are such that the load current is
continuous. Figure 4 shows the load voltage, load current and DC link current waveforms. A
close look at the load current waveform reveals that its average value is equal to its
instantaneous value during the middle of PWM on time or off time. Since the load current
flows through the DC link during PWM on time, sampling the DC link current during the
middle of PWM on time gives the average load current.
Figure 4.
Buck Converter - Waveforms
PWM
CONTROL
SW1
1
2
D1
VL
Rsh
Ish
BT1
R1
L1
IL
To
Toff
V
IL
IL(ave
IS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com