Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2686 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN2686
Szczegółowy opis  Using the STVM100 to fully auto adjust LCD flicker
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2686 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN2686 Datasheet HTML 3Page - STMicroelectronics AN2686 Datasheet HTML 4Page - STMicroelectronics AN2686 Datasheet HTML 5Page - STMicroelectronics AN2686 Datasheet HTML 6Page - STMicroelectronics AN2686 Datasheet HTML 7Page - STMicroelectronics AN2686 Datasheet HTML 8Page - STMicroelectronics AN2686 Datasheet HTML 9Page - STMicroelectronics AN2686 Datasheet HTML 10Page - STMicroelectronics AN2686 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AN2686
Using the STVM100 to adjust the VCOM
7/11
3
Using the STVM100 to adjust the VCOM
The digital VCOM calibrator STVM100 (refer to the datasheet) provided by
STMicroelectronics can completely replace the mechanical potentiometer and it is more
accurate, more robust and enables automation.
The STVM100 provides a digital I2C interface to control the sink current output (IOUT). This
output drives an external resistive voltage divider, which can then be applied to an external
VCOM buffer. Three external resistors R1, R2, and RSET determine the highest and lowest
value of the VCOM. An increase in the output sink current lowers the voltage on the external
divider so that the VCOM can be adjusted by 128 steps within this range. Once the desired
VCOM setting is achieved, it can be stored in the internal EEPROM that is automatically
recalled during each power-up. Figure 5 shows the basic connection of the STVM100 to
VCOM. With I2C interface to a flicker auto adjustment system, the VCOM can be adjusted in
a fully automated manner.
Figure 5.
STVM100 connected to VCOM
In order to allow the STVM100 to adjust LCD flicker in a fully automated manner,
STMicroelectronics has developed an LCD flicker auto adjustment system.
The STVM100 LCD flicker auto adjusting system includes the following major features:
●
Available for dot, line, column and frame inversion
●
1 gray scale accuracy out of a range of 128
●
Fast adjusting: average time < 3.2 seconds
●
VGA (Variable Gain Adjusting) technology to suit full size LCD panels
●
Multichannel: support 1 - 5 input channel(s)
●
Two input modes: buttons on board and PS/2 compatible keyboard
●
Support serial port and USB links to PC
●
Automated logging function via corresponding PC software tool
●
Energy saving mode saves power consuming up to 85%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com