Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2686 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części AN2686
Szczegółowy opis  Using the STVM100 to fully auto adjust LCD flicker
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2686 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button AN2686 Datasheet HTML 3Page - STMicroelectronics AN2686 Datasheet HTML 4Page - STMicroelectronics AN2686 Datasheet HTML 5Page - STMicroelectronics AN2686 Datasheet HTML 6Page - STMicroelectronics AN2686 Datasheet HTML 7Page - STMicroelectronics AN2686 Datasheet HTML 8Page - STMicroelectronics AN2686 Datasheet HTML 9Page - STMicroelectronics AN2686 Datasheet HTML 10Page - STMicroelectronics AN2686 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN2686
Conclusion
9/11
4
Conclusion
This application note describes the basic principle behind the operation of liquid crystal
displays (LCDs) and describes the primary causes of screen flicker. We also propose a
solution for minimizing this flicker by using the STVM100 (LCD VCOM calibrator), replacing
the old solution requiring the use of digital potentiometers and manual in-line adjustment.
The STVM100 allows for fully automated implementation of the flicker adjustment in the
manufacturing line. STMicroelectronics has developed an LCD flicker auto adjustment
system which can be used in conjunction with the STVM100, significantly simplifying this
process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11