Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2686 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN2686
Szczegółowy opis  Using the STVM100 to fully auto adjust LCD flicker
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2686 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN2686 Datasheet HTML 1Page - STMicroelectronics AN2686 Datasheet HTML 2Page - STMicroelectronics AN2686 Datasheet HTML 3Page - STMicroelectronics AN2686 Datasheet HTML 4Page - STMicroelectronics AN2686 Datasheet HTML 5Page - STMicroelectronics AN2686 Datasheet HTML 6Page - STMicroelectronics AN2686 Datasheet HTML 7Page - STMicroelectronics AN2686 Datasheet HTML 8Page - STMicroelectronics AN2686 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AN2686
The general principle of the LCD screen
3/11
1
The general principle of the LCD screen
The LCD screen uses liquid crystal to control the passage of backlight. The basic structure
of a TFT-LCD (Thin Film Transistor) screen may be thought of as two glass substrates
sandwiching a layer of liquid crystal molecules. The whole screen has been divided into
many columns and rows. In each cross of a column and a row is the display unit (pixel). The
front glass substrate is fit with a color filter which gives each pixel its own color, while the
back glass substrate has transistors fabricated on it. When a positive or negative voltage is
applied through a transistor to a pixel, the liquid crystal changes direction and allows
backlight to pass through the pixel as shown in Figure 1.
In Figure 1, the gate driver sends a line selection pulse to the top line and turns on the first
line TFT. The data (analog voltage) is transferred from the source driver to the pixels in the
first line. After the first line data is updated, the gate driver selects the second line. After the
last line is scanned, the picture on the whole screen is updated which is referred to as a
frame update. Then the gate driver starts from the first line again and begins the next frame
update.
Figure 1.
LCD screen layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com