Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2686 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN2686
Szczegółowy opis  Using the STVM100 to fully auto adjust LCD flicker
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2686 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN2686 Datasheet HTML 1Page - STMicroelectronics AN2686 Datasheet HTML 2Page - STMicroelectronics AN2686 Datasheet HTML 3Page - STMicroelectronics AN2686 Datasheet HTML 4Page - STMicroelectronics AN2686 Datasheet HTML 5Page - STMicroelectronics AN2686 Datasheet HTML 6Page - STMicroelectronics AN2686 Datasheet HTML 7Page - STMicroelectronics AN2686 Datasheet HTML 8Page - STMicroelectronics AN2686 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
The general principle of the LCD screen
AN2686
4/11
Figure 2 shows the detailed pixel schematic. The Clc is the equivalent capacitance of the
liquid crystal. The Cs is the capacitance built inside to maintain the signal between frame
updates. The light transmitted from the pixel is related to the absolute voltage (from the
source driver) applied to the pixel so that different gray scales can be obtained. The data-
receiving side of the capacitor is called the display electrode and the other side is called the
common electrode (VCOM). The VCOM of all pixels are interconnected.
Figure 2.
Basic pixel schematic
Since the molecules of the liquid crystal cannot be set at a constant voltage for a long time
without being damaged. The voltage on the pixels should be alternated in intervals to avoid
this damage. The solution is to set the VCOM to about half of the supply voltage (AVDD) in
order to divide the display voltage into two different polarities in different frames. When the
voltage on the display electrode is higher than the voltage on the VCOM, this is the positive
polarity voltage, otherwise it is the negative polarity. When the absolute differential voltage
on the display electrode is constant, regardless of the voltage polarity, the gray scale
displayed is the same. In both cases the directions of the molecules of the liquid crystal are
completely different. By using this polarity inversion, the direction of the molecules has
changed and they will not be damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com