Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2691 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN2691
Szczegółowy opis  RPD is a dedicated timing pin for the return-from-power-down circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2691 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN2691 Datasheet HTML 2Page - STMicroelectronics AN2691 Datasheet HTML 3Page - STMicroelectronics AN2691 Datasheet HTML 4Page - STMicroelectronics AN2691 Datasheet HTML 5Page - STMicroelectronics AN2691 Datasheet HTML 6Page - STMicroelectronics AN2691 Datasheet HTML 7Page - STMicroelectronics AN2691 Datasheet HTML 8Page - STMicroelectronics AN2691 Datasheet HTML 9Page - STMicroelectronics AN2691 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN2691
External RPD circuitry examples
7/10
2.1.3
RC network sizing
To calculate the external C value, we will suppose that a time T is required to stabilize the
oscillator and PLL circuit. Regarding a generic inverter I/O characteristic, the output level Vo
of that inverter can be considered high as long as the input level Vi is higher than its VIHmin
(see Figure 4: Generic inverter I/O characteristics).
Figure 4.
Generic inverter I/O characteristics
In the same way, as long as the RPD voltage is higher than VIH1, CPU and peripherals are
not fed with any clock (Figure 2: Simplified power down exit circuitry). Therefore, the
capacitor value must be chosen to maintain the voltage above VIH1 for at least the time
Trestart required by the PLL and oscillator (also the input hysteresis on the RPD pin (VHYS4)
must be considered).
Using the simple formula that controls the discharge of capacitor C, we obtain:
where Ipulldown is the current that flows internally through the weak pull-down.
Supposing VDD = 5 V, since (see product datasheet) VIH1 = 3.5 V, VHYS4min = 500 mV,
VHYS4max = 1500 mV, Ipulldown = 200 µA and Trestart = 10.2 ms (crystal oscillator + PLL),
it follows that:
As during reset a pull-down is activated on the RPD pin, the capacitor C will be discharged.
Subsequently the voltage will drop, causing the RPD pin to be seen at a low level. Therefore,
an asynchronous reset will be detected.
Vi
Vo
VOHmin
VOLmax
VILmax
VIHmin
C
Ipulldown
Trestart
VDD
VIH1 VHYS4
()
-----------------------------------------------------------------
=
C
Ipulldown
Trestart
VDD
VIH1 VHYS4min
()
----------------------------------------------------------------------------
200
10
6
10 2
,
10
3
⋅⋅
2
----------------------------------------------------------------------
1
µF
==



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com