Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2691 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części AN2691
Szczegółowy opis  RPD is a dedicated timing pin for the return-from-power-down circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2691 Arkusz danych(HTML) 2 Page - STMicroelectronics

  AN2691 Datasheet HTML 1Page - STMicroelectronics AN2691 Datasheet HTML 2Page - STMicroelectronics AN2691 Datasheet HTML 3Page - STMicroelectronics AN2691 Datasheet HTML 4Page - STMicroelectronics AN2691 Datasheet HTML 5Page - STMicroelectronics AN2691 Datasheet HTML 6Page - STMicroelectronics AN2691 Datasheet HTML 7Page - STMicroelectronics AN2691 Datasheet HTML 8Page - STMicroelectronics AN2691 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RPD functionality
AN2691
2/10
1
RPD functionality
RPD is a dual-purpose dedicated pin. This section covers its functionality.
1.1
System reset and startup
Several ST10 reset events that may occur are summarized in the following table:
Therefore, roughly, the RPD pin level distinguishes between an asynchronous (low level)
and a synchronous reset (high level). The main difference between these two kinds of reset
is that the first immediately cancels pending internal hold states and if any, it aborts all
internal/external bus cycles whereas in the synchronous reset, after RSTIN level is
detected, a short duration of a maximum of 12 TCL (six periods of CPU clock) elapses,
during which pending internal hold states are cancelled and the current internal access
cycle, if any, is completed. For this reason, if an asynchronous reset occurs during a read or
write phase in internal memories, the content of the memory itself could be corrupted. To
avoid this, synchronous reset usage is strongly recommended.
However, asynchronous reset must be used during the power-on of the device. Depending
on crystal or resonator frequency, the on-chip oscillator needs about 1 ms to 10 ms to
stabilize with an already stable VDD. The logic of the ST10 does not need a stabilized clock
signal to detect an asynchronous reset and is therefore suitable for power-on conditions.
On the contrary, the reset state machine needs a stabilized clock to operate correctly.
According to the length of pulse on RSTIN, the synchronous reset may be recognized as
long or short. Long and Short synchronous resets differ by the start-up configuration bits
latched:
–
Long synchronous reset latches the entire Port0 configuration, including clock
frequency selection (P0[15:13])
–
Short synchronous reset ignores the bits P0[15:13] and the same clock frequency
is applied.
Table 1.
Reset event definition
Reset Source
Flag(1)
1.
Flags can be read in the WDTCON register
RPD
Status
Conditions
Power-on reset
PONR
Low
Power-on
Asynchronous hardware
reset
LHWR
Low
tRSTIN > 500 ns
Synchronous long
hardware reset
High
tRSTIN > (1032 + 12) TCL + max (4 TCL, 500 ns)
Synchronous short
hardware reset
SHWR
High
tRSTIN > max (4 TCL, 500 ns)
tRSTIN ≤(1032 + 12) TCL + max (4 TCL, 500 ns)
Watchdog timer reset
WDTR
(2)
2.
The RPD status has no influence unless bidirectional reset is activated (bit BDRSTEN in SYSCON): RPD
low inhibits the bidirectional reset on SW and WDT reset events, that is RSTIN is not activated.
WDT overflow
Software reset
SWR
(2)
SRST instruction execution



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com