Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2691 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN2691
Szczegółowy opis  RPD is a dedicated timing pin for the return-from-power-down circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2691 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN2691 Datasheet HTML 1Page - STMicroelectronics AN2691 Datasheet HTML 2Page - STMicroelectronics AN2691 Datasheet HTML 3Page - STMicroelectronics AN2691 Datasheet HTML 4Page - STMicroelectronics AN2691 Datasheet HTML 5Page - STMicroelectronics AN2691 Datasheet HTML 6Page - STMicroelectronics AN2691 Datasheet HTML 7Page - STMicroelectronics AN2691 Datasheet HTML 8Page - STMicroelectronics AN2691 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RPD functionality
AN2691
4/10
1.2
Power down
To reduce power consumption, the microcontroller can be switched to Power Down mode.
Clocking of all internal blocks is stopped, the contents of the internal RAM, however, are
preserved through the voltage supplied via the VDD pins (and on-chip voltage regulator).
The ST10 provides two different operating Power Down modes:
●
Protected Power Down mode
●
Interruptible Power Down mode
The Power Down operating mode is selected by the bit PWDCFG in the SYSCON register.
In the first case, the Power Down mode can only be entered if the NMI (Non Maskable
Interrupt) pin is externally pulled low while the PWRDN instruction is executed and the only
way to exit the Power Down mode is with an external hardware reset.
In the second case, the Power Down mode can be entered if enabled Fast External Interrupt
pins (EXxIN pins, alternate functions of Port 2 pins, with x = 7...0) are at their inactive level.
This inactive level is configured with the EXIxES bit field in the EXICON register, as follows:
Interruptible Power Down mode can be exited by asserting either RSTIN or one of the
enabled EXxIN pins (Fast External Interrupt).
EXICON (F1C0H / E0H)
ESFR
Reset value: 0000H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES
EXI2ES
EXI1ES
EXI0ES
RW
RW
RW
RW
RW
RW
RW
RW
EXIxES
(x=7...0)
External Interrupt x Edge Selection Field (x=7...0)
‘00’: Fast external interrupts disabled: Standard mode.
EXxIN pin not taken into account for entering/exiting Power Down mode.
‘01’: Interrupt on positive edge (rising).
Enter Power Down mode if EXiIN = ‘0’, exit if EXxIN = ‘1’ (referred to as ‘high’ active level)
‘10’: Interrupt on negative edge (falling).
Enter Power Down mode if EXiIN = ‘1’, exit if EXxIN = ‘0’ (referred to as ‘low’ active level)
‘11’: Interrupt on any edge (rising or falling).
Always enter Power Down mode, exit if EXxIN level changed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com