Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4646 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN4646
Szczegółowy opis  Peripheral interconnections on STM32F401 and STM32F411 lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4646 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN4646 Datasheet HTML 6Page - STMicroelectronics AN4646 Datasheet HTML 7Page - STMicroelectronics AN4646 Datasheet HTML 8Page - STMicroelectronics AN4646 Datasheet HTML 9Page - STMicroelectronics AN4646 Datasheet HTML 10Page - STMicroelectronics AN4646 Datasheet HTML 11Page - STMicroelectronics AN4646 Datasheet HTML 12Page - STMicroelectronics AN4646 Datasheet HTML 13Page - STMicroelectronics AN4646 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Peripheral interconnect matrix
AN4646
10/17
DocID027369 Rev 1
2.2
Analog block
The analog block includes:
•
the ADC block (ADC1)
•
the temperature sensor block.
2.2.1
From temperature sensor to ADC1
On STM32F401/411 devices, the temperature sensor is internally connected to ADC1_IN18
input channel. It is used to convert the sensor output voltage into a digital value.
The Temperature sensor reference manual section describes the connection between
sensor and ADC as well as the procedure to read the converted value.
2.2.2
From Analog block to DMA
Refer to Section 2.6: DMA block.
2.3
Clocks block
The clock block includes:
•
the LSE clock
•
the LSI clock
•
the clock security system (CSS)
•
the real-time clock (RTC)
2.3.1
From CSS to TIM
The CSS can generate system errors. In this case a clock failure event is sent to TIM1 break
inputs.
The purpose of the break function is to protect the power switches driven by PWM signals
generated by the timer.
The list of possible break sources is given in the Using the break function (TIM1) reference
manual section.
2.3.2
From LSE, LSI, RTC to TIM
External clock (LSE), internal clock (LSI) and RTC wakeup interrupt can be input to general-
purpose timer (TIM5 channel 4/TIM11 channel 1).
This feature is described in the following sections of RM0368 and RM0383 reference
manuals:
•
Internal/external clock measurement using TIM5/TIM11
•
TIM5 option register (TIM5_OR)
•
TIM11 option register 1 (TIM11_OR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com