| Zakładka z wyszukiwarką danych komponentów |
|
AN4646 Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4646 Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 17 page ![]() Peripheral interconnect matrix AN4646 12/17 DocID027369 Rev 1 The interconnection between USB and TIM2 is described in the SOF trigger section of RM0368 and RM0383 reference manuals. 2.5.2 From Communication interfaces to DMA Refer to Section 2.6: DMA block. 2.6 DMA block Each stream is associated with a DMA request that can be selected out of 8 possible channel requests. This selection is controlled by the CHSEL [2:0] bits of the DMA_SxCR register. The 8 requests from the peripherals (TIM, ADC, SPI, I2C, etc.) are independently connected to each channel and their connection depends on the product implementation. This interconnection is explained in the following tables of RM0368 and RM0383 reference manuals: • DMA1 request mapping • DMA2 request mapping. |