Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4646 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części AN4646
Szczegółowy opis  Peripheral interconnections on STM32F401 and STM32F411 lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4646 Arkusz danych(HTML) 5 Page - STMicroelectronics

  AN4646 Datasheet HTML 1Page - STMicroelectronics AN4646 Datasheet HTML 2Page - STMicroelectronics AN4646 Datasheet HTML 3Page - STMicroelectronics AN4646 Datasheet HTML 4Page - STMicroelectronics AN4646 Datasheet HTML 5Page - STMicroelectronics AN4646 Datasheet HTML 6Page - STMicroelectronics AN4646 Datasheet HTML 7Page - STMicroelectronics AN4646 Datasheet HTML 8Page - STMicroelectronics AN4646 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID027369 Rev 1
5/17
AN4646
Module overview
16
1
Module overview
Several peripherals can be directly interconnected and configured to send/respond to event
signals that can be internally routed to/from other peripherals in the device.
The STM32F401/411 autonomous peripherals include:
•
Timers that can either be internally connected to each other or connected to the DMA
or to the analog block.
•
Analog block that can receive events from a timer or send events to the DMA.
•
Clocks block that can send events to timers.
•
System block that can send events to the analog block.
•
Communication interfaces that can send events to the timers or to the DMA.
An overview of STM32F401/411 peripheral interconnections is given in Figure 1:
STM32F401/411 peripheral interconnection overview.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17