Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX1472 Arkusz danych(PDF) 8 Page - Maxim Integrated Products

Numer części MAX1472
Szczegółowy opis  300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1472 Arkusz danych(HTML) 8 Page - Maxim Integrated Products

  MAX1472 Datasheet HTML 1Page - Maxim Integrated Products MAX1472 Datasheet HTML 2Page - Maxim Integrated Products MAX1472 Datasheet HTML 3Page - Maxim Integrated Products MAX1472 Datasheet HTML 4Page - Maxim Integrated Products MAX1472 Datasheet HTML 5Page - Maxim Integrated Products MAX1472 Datasheet HTML 6Page - Maxim Integrated Products MAX1472 Datasheet HTML 7Page - Maxim Integrated Products MAX1472 Datasheet HTML 8Page - Maxim Integrated Products MAX1472 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Layout Considerations
A properly designed PC board is an essential part of
any RF/microwave circuit. On the PA output, use con-
trolled-impedance lines and keep them as short as
possible to minimize losses and radiation. At high fre-
quencies, trace lengths that are on the order of
λ/10 or
longer can act as antennas.
Keeping the traces short also reduces parasitic induc-
tance. Generally, 1in of PC board trace adds about
20nH of parasitic inductance. The parasitic inductance
can have a dramatic effect on the effective inductance.
For example, a 0.5in trace connecting a 100nH induc-
tor adds an extra 10nH of inductance, or 10%.
To reduce the parasitic inductance, use wider traces
and a solid ground or power plane below the signal
traces. Using a solid ground plane can reduce the par-
asitic inductance from approximately 20nH/in to 7nH/in.
Also, use low-inductance connections to ground on all
GND pins, and place decoupling capacitors close to all
VDD connections.
300MHz-to-450MHz Low-Power, Crystal-Based
ASK Transmitter
8
_______________________________________________________________________________________
PA
AND
GATE
VDD
PAOUT
PAGND
GND
CRYSTAL-
OSCILLATOR
DRIVER
32 x PLL
LOCK DETECT
MAX1472
DATA
ENABLE
XTAL1
XTAL2
Functional Diagram
Chip Information
TRANSISTOR COUNT: 1430
PROCESS: CMOS



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com