Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX1472 Arkusz danych(PDF) 1 Page - Maxim Integrated Products

Numer części MAX1472
Szczegółowy opis  300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1472 Arkusz danych(HTML) 1 Page - Maxim Integrated Products

  MAX1472 Datasheet HTML 1Page - Maxim Integrated Products MAX1472 Datasheet HTML 2Page - Maxim Integrated Products MAX1472 Datasheet HTML 3Page - Maxim Integrated Products MAX1472 Datasheet HTML 4Page - Maxim Integrated Products MAX1472 Datasheet HTML 5Page - Maxim Integrated Products MAX1472 Datasheet HTML 6Page - Maxim Integrated Products MAX1472 Datasheet HTML 7Page - Maxim Integrated Products MAX1472 Datasheet HTML 8Page - Maxim Integrated Products MAX1472 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX1472 is a crystal-referenced phase-locked
loop (PLL) VHF/UHF transmitter designed to transmit
OOK/ASK data in the 300MHz to 450MHz frequency
range. The MAX1472 supports data rates up to
100kbps, and adjustable output power to more than
+10dBm into a 50
Ω load. The crystal-based architec-
ture of the MAX1472 eliminates many of the common
problems with SAW transmitters by providing greater
modulation depth, faster frequency settling, higher
tolerance of the transmit frequency, and reduced
temperature dependence. Combined, these improve-
ments enable better overall receiver performance when
using a superheterodyne receiver such as the MAX1470
or MAX1473.
The MAX1472 is available in a 3mm x 3mm 8-pin
SOT23 package and is specified for the automotive
(-40°C to +125°C) temperature range. An evaluation kit
is available. Contact Maxim Integrated Products for
more information.
Applications
Remote Keyless Entry
RF Remote Controls
Tire Pressure Monitoring
Security Systems
Radio-Controlled Toys
Wireless Game Consoles
Wireless Computer Peripherals
Wireless Sensors
Features
o 2.1V to 3.6V Single-Supply Operation
o Low 5.3mA Operating Supply Current*
o Supports ASK with 90dB Modulation Depth
o Output Power Adjustable to More than +10dBm
o Uses Small Low-Cost Crystal
o Small 3mm 3mm 8-Pin SOT23 Package
o Fast-On Oscillator 220µs Startup Time
*At 50% duty cycle (315MHz, 2.7V supply, +10dBm output
power)
300MHz-to-450MHz Low-Power, Crystal-Based
ASK Transmitter
________________________________________________________________ Maxim Integrated Products
1
DATA
ENABLE
PAOUT
1
2
8
7
XTAL2
VDD
GND
PAGND
XTAL1
SOT23
TOP VIEW
3
4
6
5
MAX1472
Pin Configuration
Ordering Information
8
7
6
5
1
2
3
4
DATA
ENABLE
PAOUT
1 3
XTAL2
VDD
GND
PAGND
XTAL1
MAX1472
3.0V
DATA INPUT
STANDBY OR
POWER-UP
*
680pF
220pF
50
ANTENNA
Typical Application Circuit
19-2872; Rev 0; 5/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX1472AKA-T
-40
°C to +125°C
8 SOT23-8
AALM
*Optional power adjust resistor.


Podobny numer części - MAX1472

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472 Datasheet
239Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472 Datasheet
454Kb / 5P
Evaluation Kit
Rev 1; 11/03
MAX1472 MAXIM-MAX1472 Datasheet
223Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX1472 MAXIM-MAX1472 Datasheet
178Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472 Datasheet
458Kb / 5P
Multiple Test Points Provided On-Board
Rev 1; 11/03
More results

Podobny opis - MAX1472

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX7044 MAXIM-MAX7044 Datasheet
301Kb / 9P
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 0; 1/04
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX7044 MAXIM-MAX7044_09 Datasheet
258Kb / 10P
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 3; 6/09
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX7044 MAXIM-MAX7044_11 Datasheet
151Kb / 10P
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 4; 2/11
MAX1472 MAXIM-MAX1472_10 Datasheet
178Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com