Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX1472 Arkusz danych(PDF) 6 Page - Maxim Integrated Products

Numer części MAX1472
Szczegółowy opis  300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1472 Arkusz danych(HTML) 6 Page - Maxim Integrated Products

  MAX1472 Datasheet HTML 1Page - Maxim Integrated Products MAX1472 Datasheet HTML 2Page - Maxim Integrated Products MAX1472 Datasheet HTML 3Page - Maxim Integrated Products MAX1472 Datasheet HTML 4Page - Maxim Integrated Products MAX1472 Datasheet HTML 5Page - Maxim Integrated Products MAX1472 Datasheet HTML 6Page - Maxim Integrated Products MAX1472 Datasheet HTML 7Page - Maxim Integrated Products MAX1472 Datasheet HTML 8Page - Maxim Integrated Products MAX1472 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
300MHz-to-450MHz Low-Power, Crystal-Based
ASK Transmitter
6
_______________________________________________________________________________________
Detailed Description
The MAX1472 is a highly integrated OOK/ASK transmit-
ter operating over the 300MHz to 450MHz frequency
range. The IC includes a complete PLL and a highly
efficient PA. The device can also be easily placed into
a 5nA low-power shutdown mode.
Shutdown Mode
The ENABLE pin is internally pulled down with a 15µA
current source. If the pin is left floating or pulled low,
the MAX1472 goes into shutdown mode, where the
supply current drops to less than 5nA. When ENABLE
is high, the IC is enabled and is ready for transmission
after 220µs (frequency settles to within 50kHz).
The 220µs turn-on time of the MAX1472 is mostly domi-
nated by the crystal oscillator startup time. Once the
oscillator is running, the 1.6MHz PLL loop bandwidth
allows fast-frequency recovery during power-amplifier
toggling.
Phase-Locked Loop
The PLL block contains a phase detector, charge
pump, integrated loop filter, VCO, 32X clock divider,
and crystal oscillator. This PLL requires no external
components, other than a crystal. The relationship
between the carrier and crystal frequency is given by:
fXTAL = fRF / 32
The lock-detect circuit prevents the PA from transmit-
ting until the PLL is locked. In addition, the device shuts
down the PA if the reference frequency is lost.
Power Amplifier
The PA of the MAX1472 is a high-efficiency, open-drain,
class-C amplifier. With proper output matching network,
the PA can drive a wide range of impedances, including
the small-loop PC board trace antenna and any 50
antenna. The output-matching network for a 50
Ω anten-
na is shown in the Typical Application Circuit. The out-
put-matching network suppresses the carrier harmonics
and transforms the antenna impedance to an optimal
impedance at PAOUT (pin 4), which is about 250
Ω .
When the output matching network is properly tuned,
the PA transmits power with high efficiency. The Typical
Application Circuit delivers 10.3dBm at 2.7V supply with
9.1mA of supply current. Thus, the overall efficiency is
44%. The efficiency of the PA itself is more than 52%.
Applications Information
Output Power Adjustment
It is possible to adjust the output power down to
-10dBm with the addition of a resistor. The addition of
the power-adjust resistor also reduces power con-
sumption. See the Supply Current and Output Power
vs. External Resistor and Supply Current vs. Output
Power graphs in the Typical Operating Characteristics
section. It is imperative to add both a low-frequency
and a high-frequency decoupling capacitor as shown
in the Typical Application Circuit.
Pin Description
PIN
NAME
FUNCTION
1
XTAL1
1st Crystal Input. fRF = 32 x fXTAL.
2
GND
Ground. Connect to system ground.
3
PAGND
Ground for the Power Amplifier (PA). Connect to system ground.
4
PAOUT
Power-Amplifier Output. This output requires a pullup inductor to the supply voltage, which may be part
of the output-matching network to a 50
Ω antenna.
5
ENABLE
Standby/Power-Up Input. A logic low on ENABLE places the device in standby mode.
6
DATA
OOK Data Input. Power amplifier is ON when DATA is high.
7VDD
Supply Voltage. Bypass to GND with capacitor as close to the pin as possible.
8
XTAL2
2nd Crystal Input. fRF = 32 x fXTAL.



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com