Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX1472 Arkusz danych(PDF) 4 Page - Maxim Integrated Products

Numer części MAX1472
Szczegółowy opis  300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1472 Arkusz danych(HTML) 4 Page - Maxim Integrated Products

  MAX1472 Datasheet HTML 1Page - Maxim Integrated Products MAX1472 Datasheet HTML 2Page - Maxim Integrated Products MAX1472 Datasheet HTML 3Page - Maxim Integrated Products MAX1472 Datasheet HTML 4Page - Maxim Integrated Products MAX1472 Datasheet HTML 5Page - Maxim Integrated Products MAX1472 Datasheet HTML 6Page - Maxim Integrated Products MAX1472 Datasheet HTML 7Page - Maxim Integrated Products MAX1472 Datasheet HTML 8Page - Maxim Integrated Products MAX1472 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
300MHz-to-450MHz Low-Power, Crystal-Based
ASK Transmitter
4
_______________________________________________________________________________________
Typical Operating Characteristics
(Typical Application Circuit, VDD = 2.7V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.4
2.8
6
7
8
9
10
11
12
13
5
2.0
3.6
VENABLE = VIH,
VDATA = VIH,
fRF = 315MHz
-40
°C
+25
°C
+85
°C
+125
°C
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
3.6
+85
°C
+125
°C
-40
°C
+25
°C
VENABLE = VIH,
VDATA = VIL,
fRF = 315MHz
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
7
8
9
10
11
12
13
6
5
2.0
3.6
VENABLE = VIH,
VDATA = VIH,
fRF = 433MHz
+25
°C
-40
°C
+125
°C
+85
°C
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
1.2
1.4
1.6
1.8
2.0
2.2
2.0
3.6
+125
°C
-40
°C
VENABLE = VIH,
VDATA = VIL,
fRF = 433MHz
+85
°C
+25
°C
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.4
2.8
6
7
8
9
10
11
12
13
14
5
2.0
3.6
VENABLE = VIH,
VDATA = VIH,
fRF = 315MHz
-40
°C
-25
°C
+85
°C
+125
°C
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.4
2.8
6
7
8
9
10
11
12
13
14
2.0
3.6
VENABLE = VIH,
VDATA = VIH,
fRF = 433MHz
-40
°C
+25
°C
+85
°C
+125
°C
REFERENCE SPUR MAGNITUDE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
-83
-81
-79
-77
-75
-73
-71
-69
-67
-65
-85
2.0
3.6
315MHz
433MHz
FREQUENCY STABILITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
-3
-2
-1
0
1
2
-4
2.0
3.6
433MHz
315MHz
TRANSMIT POWER EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
30
35
40
45
50
55
25
2.0
3.6
+25
°C
+85
°C
+125
°C
-40
°C
CW OUTPUT
fRF = 315MHz



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com