Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX779LC/D Arkusz danych(PDF) 8 Page - Maxim Integrated Products

Numer części MAX779LC/D
Szczegółowy opis  Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX779LC/D Arkusz danych(HTML) 8 Page - Maxim Integrated Products

Back Button MAX779LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 8Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 9Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 10Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 11Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
At heavy loads above approximately 100mA, the con-
verter enters continuous-conduction mode, where cur-
rent always flows in the inductor. The switch-on state is
controlled cycle-by-cycle by either the maximum tON
time or the switch’s preset current limit. As a result, the
switch's current rating is not exceeded and the inductor
is not saturated. At very heavy loads, the inductor cur-
rent self-oscillates between this peak current limit and
some lower value governed by the minimum off-time,
the inductance value, and the input/output differential.
With ILIM shorted to IN, the peak switch current of the
internal NPN power switch is set to 1A. The peak switch
current can be set to a lower value by connecting a
resistor between ILIM and IN (see
Current Limit sec-
tion). This enables the use of physically smaller induc-
tors with lower saturation-current ratings. At 1A, the
switch voltage drop (VSW) is about 500mV. VSW
decreases to about 250mV at 0.1A.
Conventional PWM converters generate constant-fre-
quency switching noise, while this architecture pro-
duces variable-frequency switching noise. However,
the noise does not exceed the current limit times the fil-
ter-capacitor ESR, unlike conventional pulse-skippers.
Step-Down Mode
If the input voltage exceeds the output voltage, the
MAX777L/MAX778L/MAX779L behave as “switched”
linear regulators. If the output voltage starts to drop, the
switch turns on and energy is stored in the coil, as in
normal step-up mode. After the switch turns off, the
voltage at LX flies high. The active rectifier turns on
when LX rises above VIN. As in a linear regulator, the
voltage difference between VIN and VOUT appears
across the rectifier (actually a PNP transistor) until the
current goes to zero and the rectifier turns off. At high
VIN to VOUT differentials, the maximum load current is
limited by the maximum allowable power dissipation in
the package. For fully specified buck/boost converters,
refer to the data sheet for the pin-compatible
MAX877L/MAX878L/MAX879L.
Active Rectifier
The internal active rectifier of the MAX777L/MAX778L/
MAX779L replaces the external Schottky catch diode in
normal boost operation. The rectifier consists of a PNP
pass transistor and a unique control circuit which, in
shutdown mode, entirely disconnects the load from the
source. This is a distinct advantage over standard
boost topologies, since it prevents battery drain in shut-
down.
The active rectifier also acts as a zero-dropout regulator
if the input exceeds the regulated output. This allows the
MAX777L/MAX778L/MAX779L to act as buck/boost
converters. Useful in battery-powered applications,
where the battery voltage may initially exceed the output
voltage, the converters will regulate down to the output
voltage and seamlessly switch into boost mode as the
input drops below the output voltage. The pin-compati-
ble MAX877L/MAX878L/MAX879L are fully specified
buck/boost converters with higher specified output cur-
rents than the MAX777L/MAX778L/MAX779L.
Shutdown
Shutdown (
SHDN) is a high-impedance, active-low
input. Connect
SHDN to VIN for normal operation.
Keeping
SHDN at ground holds the converters in shut-
down mode. Since the active rectifier is turned off in
shutdown mode, the path from input to load is cut, and
the output effectively drops to 0V. The supply current in
the shutdown state ranges from 4µA at VIN = 1V to
50µA at VIN = 4.5V. The shutdown circuit threshold is
set nominally to VIN/2 + 250mV. When SHDN is below
this threshold, the device is shut down and is enabled
with
SHDN above the threshold. When driven from
external logic,
SHDN can be driven to a higher voltage
than VIN.
Current Limit
Connecting ILIM to IN sets an LX current limit of 1A. For
smaller output power levels that do not require the max-
imum peak current, the peak inductor current can be
reduced to optimize overall efficiency and to allow very
small, low-cost coils with lower current ratings. See also
the
Inductor Selection section.
Reduce the MAX777L/MAX778L/MAX779L peak induc-
tor current by connecting a resistor between ILIM and
IN. See Figure 2 to select the resistor.
Low-Voltage Input, 3V/3.3V/5V/
Adjustable Output, Step-Up DC-DC Converters
8
_______________________________________________________________________________________
600
0
28
CURRENT-LIMIT RESISTOR
vs. PEAK INDUCTOR CURRENT
800
RESISTOR VALUE (k
Ω)
1000
1200
46
400
0
200
12
14
10
VIN = 2.5V
Figure 2. Current-Limit Resistor vs. Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com