Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX779LC/D Arkusz danych(PDF) 10 Page - Maxim Integrated Products

Numer części MAX779LC/D
Szczegółowy opis  Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX779LC/D Arkusz danych(HTML) 10 Page - Maxim Integrated Products

Back Button MAX779LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 8Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 9Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 10Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 11Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Low-Voltage Input, 3V/3.3V/5V/
Adjustable Output, Step-Up DC-DC Converters
10
______________________________________________________________________________________
Table 1. Component Suppliers
PRODUCTION METHOD
INDUCTORS
CAPACITORS
Miniature
Through-Hole
Sumida
RCH654-220
Low-Cost
Through-Hole
Nichicon
PL series low-ESR electrolytic
United Chemi-Con,
LXF series
Surface Mount
Sprague 595D
Sprague 695D
Matsuo
267 series
AVX
TPS series
Sumida
CD54-220 (22µH)
Murata-Erie
LQHYN1501K04M00-D5
(15µH)
Coiltronics
CTX20-1
Coilcraft
PCH-27-223
Sanyo OS-CON
low-ESR organic semiconductor
AVX
USA:
(803) 946-0690
(800) 282-4975, FAX (803) 626-3123
Coiltronics
USA:
(561) 241-7876, FAX (561) 241-9339
Matsuo
USA:
(714) 969-2491, FAX (714) 960-6492
Murata-Erie
USA:
(814) 237-1431
(800) 831-9172, FAX (814) 238-0490
Nichicon
USA:
(847) 843-7500
Sanyo
USA:
(619) 661-6835, FAX (847) 843-2798
Japan:
(81) 7-2070-6306, FAX (81) 7-2070-1174
Sprague
USA:
(603) 224-1961, FAX (603) 224-1430
Sumida
USA:
(847) 956-0666, FAX (847) 956-0702
Japan:
(81) 3-3607-5111, FAX (81) 3-3607-5144
United Chemi-Con
USA:
(714) 255-9500, FAX (714) 255-9400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com