Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX779LC/D Arkusz danych(PDF) 6 Page - Maxim Integrated Products

Numer części MAX779LC/D
Szczegółowy opis  Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX779LC/D Arkusz danych(HTML) 6 Page - Maxim Integrated Products

Back Button MAX779LC/D Datasheet HTML 2Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 3Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 8Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 9Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Voltage Input, 3V/3.3V/5V/
Adjustable Output, Step-Up DC-DC Converters
6
_______________________________________________________________________________________
A: SHDN, 2V/div
B: VOUT, 1V/div
VOUT = 3V
MAX778L
START-UP TIME
A
B
10ms/div
_____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
NAME
FUNCTION
1
ILIM
Sets switch current-limit input. Connect to IN for 1A current limit. A resistor from ILIM to IN sets lower
peak inductor currents.
2
IN
Input from battery
3
AGND
Analog ground. Not internally connected to PGND.
PIN
4
PGND
Power ground. Must be low impedance; solder directly to ground plane or star ground. Connect to
AGND, close to the device.
5
LX
Collector of 1A NPN power switch and emitter of Active Rectifier PNP.
6
OUT
Voltage output. Connect filter capacitor close to pin.
7
SHDN
Shutdown input disables power supply when low. Also disconnects load from input. Threshold is set at
VIN/2.
8
N.C.
(MAX777L)
No connect—not internally connected.
SEL
(MAX778L)
Selects the main output voltage. 3.3V when hard-wired to AGND, 3.0V when left open.
______________________________________________________________Pin Description
FB
(MAX779L)
Feedback input for adjustable-output operation. Connect to an external voltage divider between VOUT
and AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com