Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX779LC/D Arkusz danych(PDF) 11 Page - Maxim Integrated Products

Numer części MAX779LC/D
Szczegółowy opis  Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX779LC/D Arkusz danych(HTML) 11 Page - Maxim Integrated Products

Back Button MAX779LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 8Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 9Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 10Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 11Page - Maxim Integrated Products MAX779LC/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
___________________Chip Topography
Low-Voltage Input, 3V/3.3V/5V/
Adjustable Output, Step-Up DC-DC Converters
______________________________________________________________________________________
11
TRANSISTOR COUNT: 170;
SUBSTRATE CONNECTED TO AGND.
SHDN
OUT
IN
AGND
PGND
ILIM
VREF
FB
LX
0.084"
(2.134mm)
0.068"
(1.727mm)
_Ordering Information (continued)
PART
TEMP. RANGE
PIN-PACKAGE
MAX778LCPA
0°C to +70°C
8 Plastic DIP
MAX778LCSA
0°C to +70°C
8 SO
MAX778LC/D
0°C to +70°C
Dice*
MAX778LMJA
-55°C to +125°C
8 CERDIP**
MAX778LESA
-40°C to +85°C
8 SO
MAX778LEPA
-40°C to +85°C
8 Plastic DIP
MAX779LCPA
8 Plastic DIP
MAX779LCSA
0°C to +70°C
8 SO
MAX779LC/D
0°C to +70°C
Dice*
MAX779LEPA
-40°C to +85°C
8 Plastic DIP
MAX779LESA
-40°C to +85°C
8 SO
MAX779LMJA
-55°C to +125°C
8 CERDIP**
0°C to +70°C
* Dice are specified at TA = +25°C, DC parameters only.
**Contact factory for availability and processing to MIL-STD-883.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com