Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMT85LP Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LMT85LP
Szczegółowy opis  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMT85LP Arkusz danych(HTML) 4 Page - Texas Instruments

  LMT85LP Datasheet HTML 1Page - Texas Instruments LMT85LP Datasheet HTML 2Page - Texas Instruments LMT85LP Datasheet HTML 3Page - Texas Instruments LMT85LP Datasheet HTML 4Page - Texas Instruments LMT85LP Datasheet HTML 5Page - Texas Instruments LMT85LP Datasheet HTML 6Page - Texas Instruments LMT85LP Datasheet HTML 7Page - Texas Instruments LMT85LP Datasheet HTML 8Page - Texas Instruments LMT85LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
VDD
GND
VDD
OUT
GND
VDD
OUT
GND
LMT85
GND
OUT
VDD
GND
VDD
4
5
1
2
3
LMT85, LMT85-Q1
SNIS168C – MARCH 2013 – REVISED OCTOBER 2015
www.ti.com
6 Pin Configuration and Functions
5-Pin SOT/SC70
3-Pin TO-92
DCK Package
LPM Package
(Top View)
3-Pin TO-92
LP Package
Pin Functions
PIN
DESCRIPTION
DCK
LP
LPC
LABEL
TYPE
EQUIVALENT CIRCUIT
FUNCTION
NUMBER
NUMBER
NUMBER
GND
5
Ground
Power Supply Ground
VDD
1
Power
Positive Supply Voltage
Analog
Outputs a voltage which is inversely
OUT
3
Output
proportional to temperature
See Pin
See Pin
Diagrams
Diagrams
VDD
4
Power
Positive Supply Voltage
GND
2
Ground
Power Supply Ground, (direct
connection to the back side of the
die)
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com