Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMT85LP Arkusz danych(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Numer części LMT85LP
Szczegółowy opis  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMT85LP Arkusz danych(HTML) 13 Page - Texas Instruments

Back Button LMT85LP Datasheet HTML 9Page - Texas Instruments LMT85LP Datasheet HTML 10Page - Texas Instruments LMT85LP Datasheet HTML 11Page - Texas Instruments LMT85LP Datasheet HTML 12Page - Texas Instruments LMT85LP Datasheet HTML 13Page - Texas Instruments LMT85LP Datasheet HTML 14Page - Texas Instruments LMT85LP Datasheet HTML 15Page - Texas Instruments LMT85LP Datasheet HTML 16Page - Texas Instruments LMT85LP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
+1.8V to +5.5V
GND
OUT
VDD
CBP
RMUX
Input
Pin
CFILTER
LMT85
CSAMPLE
Reset
Sample
CMUX
Simplified Input Circuit of
SAR Analog-to-Digital Converter
RSS
LMT85, LMT85-Q1
www.ti.com
SNIS168C – MARCH 2013 – REVISED OCTOBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LMT85/LMT85-Q1 features make it suitable for many general temperature sensing applications. It can
operate down to 1.8V supply with 5.4 uA power consumption making it ideal for battery powered devices.
Package options including through-hole TO-92 package allows the LMT85 to be mounted on-board, off-board, to
a heat sink, or on multiple unique locations in the same application.
9.2 Typical Applications
9.2.1 Connection to an ADC
Figure 12. Suggested Connection to a Sampling Analog-to-digital Converter Input Stage
9.2.1.1 Design Requirements
Most CMOS ADCs found in microcontrollers and ASICs have a sampled data comparator input structure. When
the ADC charges the sampling cap, it requires instantaneous charge from the output of the analog source such
as the LMT85/LMT85-Q1 temperature sensor and many op amps. This requirement is easily accommodated by
the addition of a capacitor (CFILTER). This general ADC application is shown as an example only.
9.2.1.2 Detailed Design Procedure
The size of CFILTER depends on the size of the sampling capacitor and the sampling frequency. Since not all
ADCs have identical input stages, the charge requirements will vary.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com