Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMT85LP Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LMT85LP
Szczegółowy opis  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMT85LP Arkusz danych(HTML) 1 Page - Texas Instruments

  LMT85LP Datasheet HTML 1Page - Texas Instruments LMT85LP Datasheet HTML 2Page - Texas Instruments LMT85LP Datasheet HTML 3Page - Texas Instruments LMT85LP Datasheet HTML 4Page - Texas Instruments LMT85LP Datasheet HTML 5Page - Texas Instruments LMT85LP Datasheet HTML 6Page - Texas Instruments LMT85LP Datasheet HTML 7Page - Texas Instruments LMT85LP Datasheet HTML 8Page - Texas Instruments LMT85LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LMT85
OUT
GND
VDD
CBP
VDD (+1.8V to +5.5V)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMT85, LMT85-Q1
SNIS168C – MARCH 2013 – REVISED OCTOBER 2015
LMT85/LMT85-Q1 SC70/TO-92, Analog Temperature Sensors with Class-AB Output
1 Features
3 Description
The
LMT85/LMT85-Q1
are
precision
CMOS
1
•
LMT85-Q1 is AEC-Q100 Grade 0 qualified and is
integrated-circuit temperature sensors with an analog
manufactured on an automotive grade flow
output
voltage
that
is
linearly
and
inversely
•
Very accurate: ±0.4°C typical
proportional to temperature. Its features make it
•
Wide temperature range of -50°C to 150°C
suitable
for
many
general
temperature
sensing
applications. It can operate down to 1.8V supply with
•
Low 5.4µA quiescent current
5.4 µA power consumption making it ideal for battery
•
Sensor gain of -8.2 mV/°C
powered devices. Package options including through-
•
Packages:
hole TO-92 package allows the LMT85 to be
mounted on-board, off-board, to a heat sink, or on
–
Small SC70 (SOT 5-lead) surface mount
multiple unique locations in the same application. A
–
Leaded TO-92
class-AB output structure gives the LMT85/LMT85-
•
Output is short-circuit protected
Q1 strong output source and sink current capability
that can directly drive up to 1.1 nF capacitive loads.
•
Push-pull output with 50 µA source current
This means it is well suited to drive an analog-to-
capability
digital
converter
sample-and-hold
input
with
its
•
Footprint compatible with the industry-standard
transient load requirements. It has accuracy specified
LM20/19 and LM35 temperature sensor
in the operating range of
−50°C to 150°C. The
•
Cost-effective alternative to thermistors
accuracy, 3-lead package options, and other features
also make the LMT85/LMT85-Q1 an alternative to
2 Applications
thermistors.
•
Automotive
For devices with different average sensor gains and
comparable
accuracy
the
LMT84/LM84-Q1,
•
Industrial
LMT86/LMT86-Q1 and LMT87/LMT87-Q1 (For more
•
White Goods – Appliances
details see Comparable Alternative Devices.)
•
Battery Management
Device Information(1)
•
Disk Drives
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Games
SOT (5)
2.00 mm x 1.25 mm
•
Wireless Transceivers
LMT85
TO-92 (3)
4.3 mm x 3.5 mm
•
Cell phones
LMT85-Q1
SOT (5)
2.00 mm x 1.25 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
4 Full-Range Celsius Temperature Sensor (
−50°C to 150°C)
Output Voltage vs Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LMT85LP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMT85LP TI1-LMT85LP Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85LP TI2-LMT85LP Datasheet
1Mb / 30P
LMT85 1.8-V, SC70/TO-92/TO-92S, Analog Temperature Sensors
REVISED OCTOBER 2017
LMT85LP.A TI2-LMT85LP.A Datasheet
1Mb / 30P
LMT85 1.8-V, SC70/TO-92/TO-92S, Analog Temperature Sensors
REVISED OCTOBER 2017
LMT85LP.B TI2-LMT85LP.B Datasheet
1Mb / 30P
LMT85 1.8-V, SC70/TO-92/TO-92S, Analog Temperature Sensors
REVISED OCTOBER 2017
LMT85LPG TI1-LMT85LPG Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results

Podobny opis - LMT85LP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87_017 TI1-LMT87_017 Datasheet
1Mb / 29P
2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com