| Zakładka z wyszukiwarką danych komponentów |
|
TCS34907FN Arkusz danych(PDF) 1 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TCS34907FN Arkusz danych(HTML) 1 Page - ams AG |
|
1 / 34 page ![]() ams Datasheet Page 1 [v1-09] 2016-Jan-11 Document Feedback TCS3490 Color Light-to-Digital Converter The TCS3490 device provides color and IR (red, green, blue, clear and IR) light sensing. The color sensing provides for improved accuracy lux and color temperature measurements typically used to adjust the backlight intensity and correct the display color gamut. Additionally it can be used for light source type detection as it reports the IR content of the light. Ordering Information and Content Guide appear at end of datasheet. Key Benefits & Features The benefits and features of TCS3490, Color Light-to-Digital Converter are listed below: Figure 1: Added Value of Using TCS3490 Applications The TCS3490 applications include: • Ambient Light Sensing • Color Temperature Sensing • Industrial Process Control • Medical Diagnostics Benefits Features • Single Device Integrated Optical Solution • RGBC and ALS Support • Power Management Features • Color Temperature and Ambient Light Sensing • Programmable Gain & Integration Time • 1,000,000:1 Dynamic Range • Equal Response to 360 degree Incident Light • Circular Segmented RGBC Photodiode • Ideal for Operation Behind Dark Glass • Very High Sensitivity • Light Source Detection • RGBC + IR sensor General Description |
Podobny numer części - TCS34907FN |
|
Podobny opis - TCS34907FN |