Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCS34907FN Arkusz danych(PDF) 24 Page - ams AG

Numer części TCS34907FN
Szczegółowy opis  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

TCS34907FN Arkusz danych(HTML) 24 Page - ams AG

Back Button TCS34907FN Datasheet HTML 20Page - ams AG TCS34907FN Datasheet HTML 21Page - ams AG TCS34907FN Datasheet HTML 22Page - ams AG TCS34907FN Datasheet HTML 23Page - ams AG TCS34907FN Datasheet HTML 24Page - ams AG TCS34907FN Datasheet HTML 25Page - ams AG TCS34907FN Datasheet HTML 26Page - ams AG TCS34907FN Datasheet HTML 27Page - ams AG TCS34907FN Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-09] 2016-Jan-11
TCS3490 − PCB Pad Layout
Suggested PCB pad layout guidelines for the surface mount
module are shown. Flash Gold is recommended as a surface
finish for the landing pads.
Figure 34:
Suggested PCB Layout
Note(s) and/or Footnote(s):
1. All linear dimensions are in millimeters.
2. This drawing is subject to change without notice.
PCB Layout: Suggested land pattern
based on the IPC-7351B Generic
Requirements for Surface Mount Design
and Land Pattern Standard (2010) for the
small outline no-lead (SON) package.
PCB Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34