Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCS34907FN Arkusz danych(PDF) 3 Page - ams AG

Numer części TCS34907FN
Szczegółowy opis  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

TCS34907FN Arkusz danych(HTML) 3 Page - ams AG

  TCS34907FN Datasheet HTML 1Page - ams AG TCS34907FN Datasheet HTML 2Page - ams AG TCS34907FN Datasheet HTML 3Page - ams AG TCS34907FN Datasheet HTML 4Page - ams AG TCS34907FN Datasheet HTML 5Page - ams AG TCS34907FN Datasheet HTML 6Page - ams AG TCS34907FN Datasheet HTML 7Page - ams AG TCS34907FN Datasheet HTML 8Page - ams AG TCS34907FN Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ams Datasheet
Page 3
[v1-09] 2016-Jan-11
Document Feedback
TCS3490 − Pin Assignment
The TCS3490 pin assignments are described below.
Figure 3:
Pin Diagram
Figure 4:
Pin Description
Pin Diagram (Top View):
Package FN Dual Flat No-Lead.
Package Drawing is not to scale.
Pin Number
Pin Name
Description
1
VDD
Supply voltage
2
SCL
I²C serial clock input terminal
3
GND
Power supply ground. All voltages are referenced to GND.
4
I/C
Internal connection, connect to ground or leave floating.
5
INT
Interrupt — open drain output (active low)
6
SDA
I²C serial data I/O terminal – open drain
Pin Assignment
VDD 1
SCL 2
GND 3
6 SDA
5 INT
4 I/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34