Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCS34907FN Arkusz danych(PDF) 26 Page - ams AG

Numer części TCS34907FN
Szczegółowy opis  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

TCS34907FN Arkusz danych(HTML) 26 Page - ams AG

Back Button TCS34907FN Datasheet HTML 22Page - ams AG TCS34907FN Datasheet HTML 23Page - ams AG TCS34907FN Datasheet HTML 24Page - ams AG TCS34907FN Datasheet HTML 25Page - ams AG TCS34907FN Datasheet HTML 26Page - ams AG TCS34907FN Datasheet HTML 27Page - ams AG TCS34907FN Datasheet HTML 28Page - ams AG TCS34907FN Datasheet HTML 29Page - ams AG TCS34907FN Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-09] 2016-Jan-11
TCS3490 − Pack age Mechanical Data
Figure 36:
Carrier Tape & Reel Information
Note(s) and/or Footnote(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
4. Each reel is 330 millimeters in diameter and contains 2500 parts.
5. Packaging tape and reel conform to the requirements of EIA Standard 481−B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
8. The device pin 1 is located in the upper left corner inside the T&R pockets.
Package Mechanical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34