| Zakładka z wyszukiwarką danych komponentów |
|
M24M02-DRMN6TP Arkusz danych(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M02-DRMN6TP Arkusz danych(HTML) 15 Page - STMicroelectronics |
|
15 / 38 page ![]() DocID18204 Rev 8 15/38 M24M02-DR Instructions 37 5.1.1 Byte Write After the device select code and the address byte, the bus master sends one data byte. If the addressed location is Write-protected, by Write Control (WC) being driven high, the device replies with NoAck, and the location is not modified. If, instead, the addressed location is not Write-protected, the device replies with Ack. The bus master terminates the transfer by generating a Stop condition, as shown in Figure 7. Figure 7. Write mode sequences with WC = 0 (data write enabled) |