Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M24M02-DRMN6TP Arkusz danych(PDF) 19 Page - STMicroelectronics

Numer części M24M02-DRMN6TP
Szczegółowy opis  2-Mbit serial IC bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DRMN6TP Arkusz danych(HTML) 19 Page - STMicroelectronics

Back Button M24M02-DRMN6TP Datasheet HTML 15Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 16Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 17Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 18Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 19Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 20Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 21Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 22Page - STMicroelectronics M24M02-DRMN6TP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
DocID18204 Rev 8
19/38
M24M02-DR
Instructions
37
5.2
Read operations
Read operations are performed independently of the state of the Write Control (WC) signal.
After the successful completion of a Read operation, the device internal address counter is
incremented by one, to point to the next byte address.
For the Read instructions, after each byte read (data out), the device waits for an
acknowledgment (data in) during the 9th bit time. If the bus master does not acknowledge
during this 9th time, the device terminates the data transfer and switches to its Standby
mode.
Figure 10. Read mode sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38