| Zakładka z wyszukiwarką danych komponentów |
|
TMS320LC31PQL Arkusz danych(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320LC31PQL Arkusz danych(HTML) 37 Page - Texas Instruments |
|
37 / 48 page ![]() TMS320C31, TMS320LC31 DIGITAL SIGNAL PROCESSORS SPRS035B – MARCH 1996 – REVISED JANUARY 1999 37 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 data-rate timing modes Unless otherwise indicated, the data-rate timings shown in Figure 25 and Figure 26 are valid for all serial-port modes, including handshake. For a functional description of serial-port operation refer to subsection 8.2.12 of the TMS320C3x User’s Guide (literature number SPRU031). The serial-port timing parameters for seven ’C3x devices are defined in the preceding “serial-port timing parameters” tables (such as “serial-port timing parameters for TMS320C31-60”). The numbers shown in Figure 25 and Figure 26 correspond with those in the NO. column of each table. FSX(EXT) FSX(INT) FSR DR DX CLKX/R H1 61 57 58 55 56 56 60 65 64 62 64 63 62 66 54 54 68 Bit 0 Bit n-1 Bit n-2 Bit n-1 Bit n-2 59 NOTES: A. Timing diagrams show operations with CLKXP = CLKRP = FSXP = FSRP = 0. B. Timing diagrams depend on the length of the serial-port word, where n = 8, 16, 24, or 32 bits, respectively. Figure 25. Timing for Fixed Data-Rate Mode |