| Zakładka z wyszukiwarką danych komponentów |
|
TMS320LC31PQL Arkusz danych(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320LC31PQL Arkusz danych(HTML) 28 Page - Texas Instruments |
|
28 / 48 page ![]() TMS320C31, TMS320LC31 DIGITAL SIGNAL PROCESSORS SPRS035B – MARCH 1996 – REVISED JANUARY 1999 28 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timing parameters for RESET for the TMS320C31 and TMS320LC31 (continued) CLKIN H1 H3 38 39 42 45 46 49 48 41 40 43 RESET (see Notes A and B) IACK Ten H1 Clock Cycles D (see Note C) A (see Note C) Control Signals (see Note D) Asynchronous Reset Signals (see Note A) 44 47 TMS320C31 R/W (see Note E) NOTES: A. Asynchronous reset signals include XF0 / 1, CLKX0, DX0, FSX0, CLKR0, DR0, FSR0, and TCLK0/1. B. RESET is an asynchronous input and can be asserted at any point during a clock cycle. If the specified timings are met, the exact sequence shown occurs; otherwise, an additional delay of one clock cycle is possible. C. In microprocessor mode, the reset vector is fetched twice, with seven software wait states each time. In microcomputer mode, the reset vector is fetched twice, with no software wait states. D. Control signals include STRB. E. The R/W outputs are placed in a high-impedance state during reset and can be provided with a resistive pullup, nominally 18–22 k Ω, if undesirable spurious writes are caused when these outputs go low. Figure 21. Timing for RESET 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 0 0 2 4 6 8 10 12 14 16 18 20 22 Case Temperature ( °C) TMS320C31-40 (Extended Temperature) TMS320C31-40 4.75 V ≤ VDD ≤ 5.25 V 105 110 115 120 125 Extended Temperature Range Figure 22. CLKIN to H1 and H3 as a Function of Temperature |