Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320LC31PQL Arkusz danych(PDF) 43 Page - Texas Instruments

Numer części TMS320LC31PQL
Szczegółowy opis  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC31PQL Arkusz danych(HTML) 43 Page - Texas Instruments

Back Button TMS320LC31PQL Datasheet HTML 39Page - Texas Instruments TMS320LC31PQL Datasheet HTML 40Page - Texas Instruments TMS320LC31PQL Datasheet HTML 41Page - Texas Instruments TMS320LC31PQL Datasheet HTML 42Page - Texas Instruments TMS320LC31PQL Datasheet HTML 43Page - Texas Instruments TMS320LC31PQL Datasheet HTML 44Page - Texas Instruments TMS320LC31PQL Datasheet HTML 45Page - Texas Instruments TMS320LC31PQL Datasheet HTML 46Page - Texas Instruments TMS320LC31PQL Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
43
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing parameters for peripheral pin changing from general-purpose input to output mode
(see Note 8 and Figure 30)
NO.
’LC31-33
’C31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
87
td(H1H-GPIO)
Delay time, H1 high to
peripheral pin switching
from input to output
15
13
10
8
6
ns
NOTE 8: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0 / 1. The modes of these pins are defined by the contents
of internal-control registers associated with each peripheral.
Peripheral
Pin
(see Note A)
I/O
Control
Bit
H1
H3
Execution of Store
of Peripheral-
Control Register
87
NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1.
Figure 30. Timing for Change of Peripheral Pin From General-Purpose Input to Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48