Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320LC31PQL Arkusz danych(PDF) 25 Page - Texas Instruments

Numer części TMS320LC31PQL
Szczegółowy opis  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC31PQL Arkusz danych(HTML) 25 Page - Texas Instruments

Back Button TMS320LC31PQL Datasheet HTML 21Page - Texas Instruments TMS320LC31PQL Datasheet HTML 22Page - Texas Instruments TMS320LC31PQL Datasheet HTML 23Page - Texas Instruments TMS320LC31PQL Datasheet HTML 24Page - Texas Instruments TMS320LC31PQL Datasheet HTML 25Page - Texas Instruments TMS320LC31PQL Datasheet HTML 26Page - Texas Instruments TMS320LC31PQL Datasheet HTML 27Page - Texas Instruments TMS320LC31PQL Datasheet HTML 28Page - Texas Instruments TMS320LC31PQL Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
25
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
changing XFx from an output to an input
The following table defines the timing parameters for changing the XFx pin from an output pin to an input pin.
The numbers shown in Figure 19 correspond with those in the NO. column of the table below.
timing parameters of XFx changing from output to input mode for TMS320C31 (see Figure 19)
NO.
’LC31-33
’C31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
34
th(H3H-XF)
Hold time, XFx after
H3 high
15†
13†
12†
11†
9†
ns
35
tsu(XF-H1L)
Setup time, XFx
before H1 low
10
9
9
8
6
ns
36
th(H1L-XF)
Hold time, XFx after
H1 low
0
0
0
0
0
ns
† This value is characterized but not tested.
Execute
Load of IOF
Buffers Go
From Output
to Output
Synchronizer
Delay
Value on Pin
Seen in IOF
H3
H1
XFx Pin
INXFx Bit
(see Note A)
I / OxFx Bit
(see Note A)
34
35
36
Data
Sampled
Data
Seen
Output
NOTE A: I / OxFx represents either bit 1 or bit 5 of the IOF register, and INXFx represents either bit 3 or bit 7 of the IOF register.
Figure 19. Timing for Change of XFx From Output to Input Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48