Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HV311 Arkusz danych(PDF) 9 Page - Supertex, Inc

Numer części HV311
Szczegółowy opis  Hot Swap Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUTEX [Supertex, Inc]
Strona internetowa  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311 Arkusz danych(HTML) 9 Page - Supertex, Inc

Back Button HV311_09 Datasheet HTML 5Page - Supertex, Inc HV311_09 Datasheet HTML 6Page - Supertex, Inc HV311_09 Datasheet HTML 7Page - Supertex, Inc HV311_09 Datasheet HTML 8Page - Supertex, Inc HV311_09 Datasheet HTML 9Page - Supertex, Inc HV311_09 Datasheet HTML 10Page - Supertex, Inc HV311_09 Datasheet HTML 11Page - Supertex, Inc HV311_09 Datasheet HTML 12Page - Supertex, Inc HV311_09 Datasheet HTML 13Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
HV311
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Application Circuit 3
Application Circuit 4
Note:
A capacitor may be needed to slow PWRGD dv/dt if gate oscillations are observed when V
IN is close to OVLO.
Note:
A capacitor may be needed to slow PWRGD dv/dt if gate oscillations are observed when V
IN is close to OVLO.
-48V
C
LOAD
+5V
8
3
2
COM
1
GND
Optocoupler
R4
12.5mW
R1
487kΩ
R2
6.81kΩ
R3
9.76kΩ
Q1
IRF530
C1
10nF
5
7
4
6
DC/DC
PWM
CONVERTER
ENABLE
R
LOAD
VDD
UV
OV
VEE
SENSE GATE
RAMP
HV311
PWRGD
-48V
C
LOAD
+5.0V
8
3
2
COM
1
GND
Optocoupler
R4
60mΩ
R1
487kΩ
R2
6.81kΩ
R3
9.76kΩ
Q1
IRF530
C1
10nF
5
7
4
6
DC/DC
PWM
CONVERTER
VDD
UV
OV
VEE
SENSE GATE
RAMP
HV311
PWRGD
ENABLE
In some applications the PWRGD signal is used to activate load circuitry on the isolated output side of the DC/DC PWM
Converter. In this situation an optocoupler is needed to provide the required isolation as shown below.
When the details of the load ENABLE circuitry is not known, using an optocoupler always provides a safe solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com