Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HV311 Arkusz danych(PDF) 3 Page - Supertex, Inc

Numer części HV311
Szczegółowy opis  Hot Swap Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUTEX [Supertex, Inc]
Strona internetowa  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311 Arkusz danych(HTML) 3 Page - Supertex, Inc

  HV311_09 Datasheet HTML 1Page - Supertex, Inc HV311_09 Datasheet HTML 2Page - Supertex, Inc HV311_09 Datasheet HTML 3Page - Supertex, Inc HV311_09 Datasheet HTML 4Page - Supertex, Inc HV311_09 Datasheet HTML 5Page - Supertex, Inc HV311_09 Datasheet HTML 6Page - Supertex, Inc HV311_09 Datasheet HTML 7Page - Supertex, Inc HV311_09 Datasheet HTML 8Page - Supertex, Inc HV311_09 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
HV311
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Notes:
This timing depends on the threshold voltage of the external N-Channel MOSFET. The higher its threshold is, the longer this timing.
This voltage depends on the characteristics of the external N-Channel MOSFET. V
th = 3.0V for an IRF530.
IRF530 is a registered trademark of International Rectifier.
1.
2.
3.
Sym
Parameter
Min Typ Max Units Conditions
Gate Drive Output
V
GATE
Maximum GATE drive voltage
8.5
10
12
V
V
UV = 1.9V, VOV =0.5V
I
GATEUP
GATE drive pull-up current
500
-
-
µA
V
UV = 1.9V, VOV = 0.5V
I
GATEDOWN
GATE drive pull-down current
40
-
-
mA
V
UV = 0V, VOV = 0.5V
Ramp Timing Control (Test conditions: C
LOAD = 100µF, CRAMP = 10nF, VUV = 1.9V, VOV = 0.5V, External MOSFET is IRF530
3
)
I
RAMP
Ramp pin output current
-
10
-
µA
V
SENSE = 0V
t
POR
Time from UV to GATE turn on1
2.0
-
-
ms
---
t
RISE
Time from GATE turn on to V
SENSE limit
400
-
-
µs
---
t
LIMIT
Duration of current limit mode
-
5.0
-
ms
---
t
PWRGD
Time from current limit to PWRGD
-
5.0
-
ms
---
V
RAMP
Voltage on ramp pin in current limit mode2
-
3.6
-
V
---
t
STARTLIMIT
Start up time limit
80
100
120
ms
---
t
CBTRIP
Circuit breaker delay time
2.0
-
5.0
µs
May be extended by external RC
circuit
t
AUTO
Automatic restart delay time
12
-
-
s
---
Power Good Output
V
PWRGD(HI)
Power good pin breakdown voltage
90
-
-
V
PWRGD is high
V
PWRGD(LO)
Power good pin output low voltage
-
0.5
0.8
V
I
PWRGD = 1.0mA, PWRGD is low
Dynamic Characteristics
t
GATEHLOV
OV delay
-
-
500
ns
---
t
GATEHLUV
UV delay
-
-
500
ns
---
Electrical Characteristics (-40OC to +85°C unless otherwise specified, all voltages are referenced to V
EE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com