Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HV311 Arkusz danych(PDF) 6 Page - Supertex, Inc

Numer części HV311
Szczegółowy opis  Hot Swap Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUTEX [Supertex, Inc]
Strona internetowa  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311 Arkusz danych(HTML) 6 Page - Supertex, Inc

Back Button HV311_09 Datasheet HTML 2Page - Supertex, Inc HV311_09 Datasheet HTML 3Page - Supertex, Inc HV311_09 Datasheet HTML 4Page - Supertex, Inc HV311_09 Datasheet HTML 5Page - Supertex, Inc HV311_09 Datasheet HTML 6Page - Supertex, Inc HV311_09 Datasheet HTML 7Page - Supertex, Inc HV311_09 Datasheet HTML 8Page - Supertex, Inc HV311_09 Datasheet HTML 9Page - Supertex, Inc HV311_09 Datasheet HTML 10Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
HV311
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
A numerical example:
V
CL = 50mV
V
CB = 100mV
R
CS = 10mΩ
I
MAX · RCS = VCL
I
CB · RCS = VCB
I
MAX = 5.0A
I
CB = 10A
Timing
The figure shows the sequence of events during startup
and associated timing characteristics. The following is a dis-
cussion of timing values assuming the following component
values:
C
RAMP = 10nF
C
LOAD = 100μF
V
VDD = 48V
MOSFET = IRF530
V
GS(TH) = 3.0V
g
m = 7.4S
R
CS = 50mΩ (IMAX = 1.0A)
A number of false starts may be caused by contact bounce
at the card edge. The startup begins when V
VIN rises through
the lower enable voltage V
LEN, whose level is programmed at
the UV comparator.
t
START
During this time the RAMP voltage rises steadily as the 10μA
current source charges capacitor C
RAMP. The voltage at the
GATE pin starts to follow the RAMP pin voltage when V
RAMP
reaches a fixed offset voltage V
OFS of about 1.2V after a de-
lay indicated as t
START in the figure.
t
START · IRAMP = VOFS · CRAMP
t
START = (1.2)(10n)/(10μ)
t
START = 1.2ms
t
TH
This time interval is associated with the rise of the GATE
voltage from zero to the gate threshold voltage of the exter-
nal MOSFET.
t
TH · IRAMP = VGS(TH) · CRAMP
t
TH = (3)(10n)/(10μ)
t
START = 3.0ms
t
RISE
During this time period the drain current rises more or less
exponentially to the maximum inrush current I
MAX. As current
rises from zero, the RAMP current is reduced by the action
of the current sense amplifier, hence the more or less expo-
nential current rise. t
RISE is here defined as the time to reach
90% of I
MAX.
90% rise corresponds to 2.3τ
I
RAMP · τ = CRAMP · ΔVGS
I
MAX ≈ gm · ΔVGS
t
RISE ≈ 2.3(CRAMP · IMAX) / (IRAMP · gm)
t
RISE ≈ (2.3)(10n)(1)/(10μ)(7.4) = 0.3ms
t
LIM
During this time period the external load capacitor is charged
at I
MAX.
I
MAX · tLIM = CLOAD · VVDD
t
LIM = (100μ)(48) / (1)
t
LIM = 4.8ms
t
PWRGD
Final rise of GATE voltage to V
REG minus about 1.2V.
I
RAMP · tPWRGD = CRAMP · (VREG – (1.2V + VGS(TH) + ΔVGS))
t
PWRGD = (10n)(10 – (1.2 + 3 + 1/7.4)/(10μ)
t
PWRGD = 4.3ms
Design Information (cont.)
GND
-48V
VIN
IIN
tSTART
contact
bounce
ILIM
PWRGD
VUVL
tRISE
tPWRGD
VGATE
Initialization
Limiting
Full On
VGATE
VOUT
tLIM
tTH
VRAMP
V
RAMP
V
GATE
inactive
active
V
OUT
V
IN
VGS(th)
VGS(lim)
VEE
tPOR
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com