| Zakładka z wyszukiwarką danych komponentów |
|
N5393D Arkusz danych(PDF) 7 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
N5393D Arkusz danych(HTML) 7 Page - Keysight Technologies |
|
7 / 25 page ![]() 07 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet PCI Express 3.0 The N5393D includes support for testing PCI Express 3.0 devices. The tests supported include new jitter, voltage, de-emphasis, preshoot, pseudo S21 loss and others defined by the PCI Express 3.0 BASE specification. In addition, with the addition of the optional InfiniiSim Waveform Transformation Toolset, the N5393D also integrates de-embedding of test channel and cable losses with user-supplied S-parameters for fixtures and connectors. De-embedding is used to recover jitter losses due to the attenuation of high frequency elements caused by the test channel. Figure 4. PCI Express 3.0 transmitter tests. Figure 5. The N5393D integrates de-embedding capability when coupled with the optional InfiniiSim waveform transformation toolset. Select PCI Express Transmitter tests to test your new PCIe 3.0 device. |