| Zakładka z wyszukiwarką danych komponentów |
|
N5393D Arkusz danych(PDF) 15 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
N5393D Arkusz danych(HTML) 15 Page - Keysight Technologies |
|
15 / 25 page ![]() 15 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet Figure 20. Configuring the type of receiver test calibration to perform. Figure 21. In the HTML test report the N5393D generates the appropriate graphical summary for each calibration parameter it configures. This gives you a traceable reference for how the tool setup and the calibration can save time when de-bugging the RX test setup. The N5393D utilizes the PCI SIG’s own Seasim simulation software to determine the target signal impairments and communicates those parameters to the instruments configured as part of the receiver test setup. The Keysight DSA90000 series oscilloscope is used to capture traces from the JBERT system setup, and that information is used by Seasim to set the calibration values of the bit error ratio tester setup. The N5393D utilizes the PCI SIG’s own Seasim simulation software to determine the target signal impairments and communicates those parameters to the instruments configured as part of the receiver test setup. The Keysight DSA90000 series oscilloscope is used to capture traces from the JBERT system setup, and that information is used by Seasim to set the calibration values of the bit error ratio tester setup. The N5393D option 004 is provided to help automate the most rigorous step in receive testing, the calibration step. Once the equipment is calibrated, the actual receiver stress test can be performed manually or by using additional automation tools provided by Keysight and its partners. The N5393C-4FP covers automates only the calibration step. You can also reference the Keysight application note on PCIe 3.0 BASE spec receiver testing at: http://literature.cdn. keysight.com/litweb/5990-6599EN.pdf for additional information. Receiver Stressed Eye Calibration (Continued) |