Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VDP3108 Arkusz danych(PDF) 46 Page - Micronas

Numer części VDP3108
Szczegółowy opis  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRONAS [Micronas]
Strona internetowa  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Arkusz danych(HTML) 46 Page - Micronas

Back Button VDP3108 Datasheet HTML 42Page - Micronas VDP3108 Datasheet HTML 43Page - Micronas VDP3108 Datasheet HTML 44Page - Micronas VDP3108 Datasheet HTML 45Page - Micronas VDP3108 Datasheet HTML 46Page - Micronas VDP3108 Datasheet HTML 47Page - Micronas VDP3108 Datasheet HTML 48Page - Micronas VDP3108 Datasheet HTML 49Page - Micronas VDP3108 Datasheet HTML 50Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
46
Characteristics, Combined Sync Output, 5 MHz Clock Output
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VOL
Output Low Voltage
CSY
Clk5
0.4
V
IOL = 1.6 mA
VOH
Output High Voltage
Clk5
4.0
VSUP
V
–IOL = 1.6 mA
tOT
Output Transition Time
Clk5
50
ns
CLOAD = 30pF
tOT
Output Transition Time
CSY
10
20
ns
CLOAD = 30pF
Characteristics, Horizontal Drive Output
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VOL
Output Low Voltage
HOUT
0.4
V
IOL = 10 mA
VOH
Output High Voltage
(Open Drain Stage)
8
V
external pull-up resis-
tor
tOF
Output Fall Time
8
20
ns
CLOAD = 30pF
Characteristics, Reset Input, Test Input
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
RES
TEST
2.0
V
VIH
Input High Voltage
TEST
3.1
V
Characteristics, 20 MHz Clock Input/Output, External Clock Input (XTAL1), VR = (spec value/VSUP) x 5V
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VDCAV
DC Average
Clk20
VR/2
– 0.3
VR/2
VR/2
+ 0.3
V
CLOAD = 30pF
VPP
VOUT Peak to Peak
1.3
1.6
VR
CLOAD = 30pF
tOT
Output Transition Time
18
ns
CLOAD = 30pF
VIT
Input Trigger Level
2.1
2.5
2.9
V
only for test purposes
VI
Clock Input Voltage
XTAL
1
1.3
VPP
capacitive
coupling
used
XTAL2 open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com