Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MS6272 Arkusz danych(PDF) 3 Page - MOSA ELECTRONICS

Numer części MS6272
Szczegółowy opis  Good PSRR and low pop noise
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSA [MOSA ELECTRONICS]
Strona internetowa  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6272 Arkusz danych(HTML) 3 Page - MOSA ELECTRONICS

  MS6272 Datasheet HTML 1Page - MOSA ELECTRONICS MS6272 Datasheet HTML 2Page - MOSA ELECTRONICS MS6272 Datasheet HTML 3Page - MOSA ELECTRONICS MS6272 Datasheet HTML 4Page - MOSA ELECTRONICS MS6272 Datasheet HTML 5Page - MOSA ELECTRONICS MS6272 Datasheet HTML 6Page - MOSA ELECTRONICS MS6272 Datasheet HTML 7Page - MOSA ELECTRONICS MS6272 Datasheet HTML 8Page - MOSA ELECTRONICS MS6272 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MOSA
MS6272
Volume Controller with soft step IC
V1.4
3/19
www.mosanalog.com
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.5
-
6.5
V
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, All stages 0dB, f=1kHz, CREF =1uF, refer to the application circuit; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
IQ
Quiescent Current
VIN=0V
-
4.2
-
mA
IPD
Power down current
VIN=0V
-
120
-
uA
PSRR
Power Supply Rejection Ratio
CREF = 1uF, f = 100Hz
55
58
-
dB
Input Selectors
RIN
Input Resistance
Single-Ended
100
RIN-Diff
Input Resistance
Differential
100
GIN
Input Gain Range
Gain
0
-
15
dB
GSTEP
Step Resolution
-
1
-
dB
ERRG
Gain Setting error
-0.2
0
0.2
dB
CMRR
Common mode rejection ratio
VCM = 1Vrms @ 1KHz
40
55
-
dB
VCM = 1Vrms @ 10KHz
40
55
-
dB
Volume control
CRVOL
Volume Control Range
Attenuation & Gain
-79
-
+15
dB
RESVOL Volume Step Resolution
-
1
-
dB
ERRVOL Volume Setting Error
Av = +15 to -40dB
-0.5
0
1
dB
Av = -40 to -79dB
-1
0
5
dB
MUTE
Mute Attenuation
Vin=0dBV
-90
dB
General
VOMAX
Maximum Output Voltage Swing
(THD+N)/S <0.1%
-
1.59
-
Vrms
THD+N
Total Harmonic Distortion Plus
Noise
VOUT = 1Vrms
-
-75
-
dB
-
0.0177
-
%
S/N
Signal-to-Noise Ratio
VOUT = 1Vrms
-
93
-
dB
Bus Input
VIH
Bus High Input Level
1.8
-
-
V
VIL
Bus Low Input Level
-
-
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com