Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MS6272 Arkusz danych(PDF) 4 Page - MOSA ELECTRONICS

Numer części MS6272
Szczegółowy opis  Good PSRR and low pop noise
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSA [MOSA ELECTRONICS]
Strona internetowa  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6272 Arkusz danych(HTML) 4 Page - MOSA ELECTRONICS

  MS6272 Datasheet HTML 1Page - MOSA ELECTRONICS MS6272 Datasheet HTML 2Page - MOSA ELECTRONICS MS6272 Datasheet HTML 3Page - MOSA ELECTRONICS MS6272 Datasheet HTML 4Page - MOSA ELECTRONICS MS6272 Datasheet HTML 5Page - MOSA ELECTRONICS MS6272 Datasheet HTML 6Page - MOSA ELECTRONICS MS6272 Datasheet HTML 7Page - MOSA ELECTRONICS MS6272 Datasheet HTML 8Page - MOSA ELECTRONICS MS6272 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MOSA
MS6272
Volume Controller with soft step IC
V1.4
4/19
www.mosanalog.com
3.3V ELECTRICAL CHARACTERISTICS
(Ta=25℃, All stages 0dB, f=1kHz, CREF =1uF, refer to the application circuit; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
IQ
Quiescent Current
VIN=0V
-
3.6
-
mA
IPD
Power down current
VIN=0V
-
80
-
uA
PSRR
Power Supply Rejection Ratio
CREF = 1uF, f = 100Hz
65
70
-
dB
General
VOMAX
Maximum Output Voltage Swing
(THD+N)/S <0.1%
-
1
-
Vrms
THD+N
Total Harmonic Distortion Plus
Noise
VOUT = 0.707Vrms
-
-70
-
dB
-
0.03
-
%
S/N
Signal-to-Noise Ratio
VOUT = 0.707Vrms
-
90
-
dB
2.5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, All stages 0dB, f=1kHz, CREF =1uF, refer to the application circuit; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
IQ
Quiescent Current
VIN=0V
-
3.3
-
mA
IPD
Power down current
VIN=0V
-
60
-
uA
PSRR
Power Supply Rejection Ratio
CREF = 1uF, f = 100Hz
60
65
-
dB
General
VOMAX
Maximum Output Voltage Swing
(THD+N)/S <0.1%
-
0.8
-
Vrms
THD+N
Total Harmonic Distortion Plus
Noise
VOUT = 0.707Vrms
-
-67
-
dB
-
0.04
-
%
S/N
Signal-to-Noise Ratio
VOUT = 0.707Vrms
-
90
-
dB
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25℃, RL=10k, CREF=1uF; unless otherwise specified)
OUTPUT VOLTAGE (dBV)
OUTPUT VOLTAGE (dBV)
OUTPUT VOLTAGE (dBV)
THD+N vs. output voltage
THD+N vs. output voltage
THD+N vs. output voltage
VDD=5V
f=1kHz
f=20Hz
f=20kHz
VDD=3.3V
f=1kHz
f=20Hz
f=20kHz
VDD=2.5V
f=1kHz
f=20Hz
f=20kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com