Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MS6272 Arkusz danych(PDF) 7 Page - MOSA ELECTRONICS

Numer części MS6272
Szczegółowy opis  Good PSRR and low pop noise
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSA [MOSA ELECTRONICS]
Strona internetowa  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6272 Arkusz danych(HTML) 7 Page - MOSA ELECTRONICS

Back Button MS6272 Datasheet HTML 3Page - MOSA ELECTRONICS MS6272 Datasheet HTML 4Page - MOSA ELECTRONICS MS6272 Datasheet HTML 5Page - MOSA ELECTRONICS MS6272 Datasheet HTML 6Page - MOSA ELECTRONICS MS6272 Datasheet HTML 7Page - MOSA ELECTRONICS MS6272 Datasheet HTML 8Page - MOSA ELECTRONICS MS6272 Datasheet HTML 9Page - MOSA ELECTRONICS MS6272 Datasheet HTML 10Page - MOSA ELECTRONICS MS6272 Datasheet HTML 11Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MOSA
MS6272
Volume Controller with soft step IC
V1.4
7/19
www.mosanalog.com
BUS INTERFACE
Data are transmitted to and from the MCU to the MS6272 via the SDA and SCL. The SDA and SCL make up the
BUS interface. It should be noted that pull-up resistors must be connected to the positive supply voltage.
SDA (Serial Data Line)
Rp
Rp
SCL (Serial Clock Line)
Pull up resistors
VDD
MCU
MS6272
Interface protocol
The format consists of the following
•A START condition
•A chip address byte including the MS6272 address. (7bits)
•The 8th bit of the byte must be “0”.
•The MS6272 must always acknowledge the end of each transmitted byte.
•A data sequence (N-bytes + Acknowledge)
•A STOP condition
SCL
SDA
1-7
8
9
1-7
8
9
9
8
1-7
S
P
ADDRESS
R / W
--
ACK
ACK
ACK
DATA
DATA
START
CONDITION
STOP
CONDITION
ACK
Start
ACK
Sub Address
ACK
MS6272 Address
1
0
0
0
0
0
1
0
Data
STOP
MSB
LSB
Chip Address
The chip address of the MS6272 is 88H.
1
0
0
0
0
0
1
0
7 bits address
MS6272 address
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com