Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MS6272 Arkusz danych(PDF) 1 Page - MOSA ELECTRONICS

Numer części MS6272
Szczegółowy opis  Good PSRR and low pop noise
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSA [MOSA ELECTRONICS]
Strona internetowa  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6272 Arkusz danych(HTML) 1 Page - MOSA ELECTRONICS

  MS6272 Datasheet HTML 1Page - MOSA ELECTRONICS MS6272 Datasheet HTML 2Page - MOSA ELECTRONICS MS6272 Datasheet HTML 3Page - MOSA ELECTRONICS MS6272 Datasheet HTML 4Page - MOSA ELECTRONICS MS6272 Datasheet HTML 5Page - MOSA ELECTRONICS MS6272 Datasheet HTML 6Page - MOSA ELECTRONICS MS6272 Datasheet HTML 7Page - MOSA ELECTRONICS MS6272 Datasheet HTML 8Page - MOSA ELECTRONICS MS6272 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MOSA
MS6272
Volume Controller with soft step IC
V1.4
1/19
www.mosanalog.com
Stereo Input available to Single-Ended/differential Mode
Low voltage, Volume Controller With Soft Step.
Gain/Loss, Low power consumption.
FEATURES
Operation range: 2.5V~6.5V.
One quasi-differential input.
Soft step volume control:-79dB ~ +15dB.
Input Gain: 0dB ~ +15dB.
Low power consumption.
Good PSRR and low pop noise.
I2C interface.
Housed in 10 pin MSOP package.
APPLICATIONS
Multimedia system
Hi-Fi audio system.
Bluetooth.
DAB
DESCRIPTION
The MS6272 is a audio volume controller IC with stereo input( Single-ended/differential).
It has input gain(0 ~ +15dB), Soft step volume control(-79dB ~ +15dB) with programmable blend times.
It uses CMOS technology specially for the low voltage application with low noise, rail-to-rail output.
BLOCK DIAGRAM
SDA
SCL
R-OUT
L-OUT
I2C Interface
Supply
INPUT
Mode
Selector
Gain 0dB~15dB
R-IN/DiffR
L-IN/DiffL
VREF
MS6272
NC/DiffG
GND
VDD
Input Gain
-79dB ~ 15dB
Volume/Mute
(With Soft step)
Gain 0dB~15dB
Input Gain
-79dB ~ 15dB
Volume/Mute
(With Soft step)


Podobny numer części - MS6272

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MOSA ELECTRONICS
MS6274 MOSA-MS6274 Datasheet
1Mb / 19P
Low power consumption
MS6274SSGTR MOSA-MS6274SSGTR Datasheet
1Mb / 19P
Low power consumption
MS6274SSGU MOSA-MS6274SSGU Datasheet
1Mb / 19P
Low power consumption
More results

Podobny opis - MS6272

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
Low Noise LDO with Low IQ and High PSRR
October 1, 2009
logo
Protek Devices
PA4220 PROTEC-PA4220 Datasheet
198Kb / 7P
Pop-Up and Shutdown Noise Suppressor
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
Low Noise LDO with Low IQ and High PSRR
March 11, 2008
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
Low Noise LDO with Low IQ and High PSRR
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
Low Noise LDO with Low IQ And High PSRR
April 15, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com