Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MB90F962 Arkusz danych(PDF) 45 Page - Cypress Semiconductor

Numer części MB90F962
Szczegółowy opis  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962 Arkusz danych(HTML) 45 Page - Cypress Semiconductor

Back Button MB90F962 Datasheet HTML 41Page - Cypress Semiconductor MB90F962 Datasheet HTML 42Page - Cypress Semiconductor MB90F962 Datasheet HTML 43Page - Cypress Semiconductor MB90F962 Datasheet HTML 44Page - Cypress Semiconductor MB90F962 Datasheet HTML 45Page - Cypress Semiconductor MB90F962 Datasheet HTML 46Page - Cypress Semiconductor MB90F962 Datasheet HTML 47Page - Cypress Semiconductor MB90F962 Datasheet HTML 48Page - Cypress Semiconductor MB90F962 Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
MB90960 Series
44
DS07-13749-3E
5.
A/D Converter
(TA
= −40 °C to +125 °C*1, 3.0 V ≤ AVR − AVSS, VCC = AVCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
*1 : There is limited reliability if the product is used exceeding TA = +105
°C. Contact the sales or support
representative for this case.
*2 : If A/D converter is not operating, a current when CPU is stopped is applicable (VCC
= AVCC = AVR = 5.0 V) .
(Continued)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯⎯
⎯
⎯
10
bit
Total error
⎯⎯
⎯
⎯
±3.0
LSB
Nonlinearity error
⎯⎯
⎯
⎯
±2.5
LSB
Differential
nonlinearity error
⎯⎯
⎯
⎯
±1.9
LSB
Zero reading voltage
VOT
AN0 to AN15
AVSS
− 1.5
× LSB
AVSS
+ 0.5
× LSB
AVSS
+ 2.5
× LSB
V
Full scale reading
voltage
VFST
AN0 to AN15
AVR
− 3.5
× LSB
AVR
− 1.5
× LSB
AVR
+ 0.5
× LSB
V
Compare time
⎯⎯
1.0
⎯
16500
μs
4.5 V
≤ AVCC ≤ 5.5 V
2.0
4.0 V
≤ AVCC < 4.5 V
Sampling time
⎯⎯
0.5
⎯
∞
μs
4.5 V
≤ AVCC ≤ 5.5 V
1.2
4.0 V
≤ AVCC < 4.5 V
Analog port input
current
IAIN
AN0 to AN15
−0.3
⎯
+0.3
μA
Analog input
voltage
VAIN
AN0 to AN15
AVSS
⎯
AVR
V
Reference
voltage
⎯
AVR
AVSS
+ 2.7
⎯
AVCC
V
Power supply current
IA
AVCC
⎯
3.5
7.5
mA
IAH
AVCC
⎯⎯
5
μA*2
Reference
voltage supply current
IR
AVR
⎯
600
900
μA
IRH
AVR
⎯⎯
5
μA*2
Offset between
input channels
⎯
AN0 to AN15
⎯⎯
4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com