Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MB90F962 Arkusz danych(PDF) 20 Page - Cypress Semiconductor

Numer części MB90F962
Szczegółowy opis  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962 Arkusz danych(HTML) 20 Page - Cypress Semiconductor

Back Button MB90F962 Datasheet HTML 16Page - Cypress Semiconductor MB90F962 Datasheet HTML 17Page - Cypress Semiconductor MB90F962 Datasheet HTML 18Page - Cypress Semiconductor MB90F962 Datasheet HTML 19Page - Cypress Semiconductor MB90F962 Datasheet HTML 20Page - Cypress Semiconductor MB90F962 Datasheet HTML 21Page - Cypress Semiconductor MB90F962 Datasheet HTML 22Page - Cypress Semiconductor MB90F962 Datasheet HTML 23Page - Cypress Semiconductor MB90F962 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
MB90960 Series
DS07-13749-3E
19
■ I/O MAP
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
000000H,
000001H
Reserved
000002H
Port 2 Data Register
PDR2
R/W
Port 2
XXXXXXXXB
000003H
Reserved
000004H
Port 4 Data Register
PDR4
R/W
Port 4
XXXXXXXXB
000005H
Port 5 Data Register
PDR5
R/W
Port 5
XXXXXXXXB
000006H
Port 6 Data Register
PDR6
R/W
Port 6
XXXXXXXXB
000007H
Reserved
000008H
Port 8 Data Register
PDR8
R/W
Port 8
XXXXXXXXB
000009H,
00000AH
Reserved
00000BH
Port 5 Analog Input Enable Register
ADER5
R/W
Port 5, A/D
11111111B
00000CH
Port 6 Analog Input Enable Register
ADER6
R/W
Port 6, A/D
11111111B
00000DH
Reserved
00000EH
Input Level Select Register 0
ILSR0
R/W
Port 2, 4, 5, 6
X000X0XXB
00000FH
Input Level Select Register 1
ILSR1
R/W
Port 8
XXXXXXX0B
000010H,
000011H
Reserved
000012H
Port 2 Direction Register
DDR2
R/W
Port 2
00000000B
000013H
Reserved
000014H
Port 4 Direction Register
DDR4
R/W
Port 4
XXX00000B
000015H
Port 5 Direction Register
DDR5
R/W
Port 5
00000000B
000016H
Port 6 Direction Register
DDR6
R/W
Port 6
00000000B
000017H
Reserved
000018H
Port 8 Direction Register
DDR8
R/W
Port 8
000000X0B
000019H
Reserved
00001AH
Port A Direction Register
DDRA
W
Port A
XXX00XXXB
00001BH
to
00001DH
Reserved
00001EH
Port 2 Pull-up Control Register
PUCR2
R/W
Port 2
00000000B
00001FH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com