Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MB90F962 Arkusz danych(PDF) 21 Page - Cypress Semiconductor

Numer części MB90F962
Szczegółowy opis  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962 Arkusz danych(HTML) 21 Page - Cypress Semiconductor

Back Button MB90F962 Datasheet HTML 17Page - Cypress Semiconductor MB90F962 Datasheet HTML 18Page - Cypress Semiconductor MB90F962 Datasheet HTML 19Page - Cypress Semiconductor MB90F962 Datasheet HTML 20Page - Cypress Semiconductor MB90F962 Datasheet HTML 21Page - Cypress Semiconductor MB90F962 Datasheet HTML 22Page - Cypress Semiconductor MB90F962 Datasheet HTML 23Page - Cypress Semiconductor MB90F962 Datasheet HTML 24Page - Cypress Semiconductor MB90F962 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
MB90960 Series
20
DS07-13749-3E
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
000020H Serial Mode Register 0
SMR0
W, R/W
LIN-UART0
00000000B
000021H Serial Control Register 0
SCR0
W, R/W
00000000B
000022H Reception/Transmission Data Register 0
RDR0/TDR0
R/W
00000000B
000023H Serial Status Register 0
SSR0
R, R/W
00001000B
000024H
Extended Communication Control
Register 0
ECCR0
R, W,
R/W
000000XXB
000025H Extended Status Control Register 0
ESCR0
R/W
00000100B
000026H Baud Rate Generator Register 00
BGR00
R/W, R
00000000B
000027H Baud Rate Generator Register 01
BGR01
R/W, R
00000000B
000028H Serial Mode Register 1
SMR1
W, R/W
LIN-UART1
00000000B
000029H Serial Control Register 1
SCR1
W, R/W
00000000B
00002AH Reception/Transmission Data Register 1
RDR1/TDR1
R/W
00000000B
00002BH Serial Status Register 1
SSR1
R, R/W
00001000B
00002CH
Extended Communication Control
Register 1
ECCR1
R, W,
R/W
000000XXB
00002DH Extended Status Control Register 1
ESCR1
R/W
00000100B
00002EH Baud Rate Generator Register 10
BGR10
R/W, R
00000000B
00002FH Baud Rate Generator Register 11
BGR11
R/W, R
00000000B
000030H
to
00003AH
Reserved
00003BH Address Detect Control Register 1
PACSR1
R/W
Address Match
Detection 1
00000000B
00003CH
to
000047H
Reserved
000048H PPGC Operation Mode Control Register
PPGCC
W, R/W
16-bit PPG C/D
0X000XX1B
000049H PPGD Operation Mode Control Register
PPGCD
W, R/W
0X000001B
00004AH
PPGC/PPGD Count Clock Select
Register
PPGCD
R/W
000000X0B
00004BH
Reserved
00004CH PPGE Operation Mode Control Register
PPGCE
W, R/W
16-bit PPG E/F
0X000XX1B
00004DH PPGF Operation Mode Control Register
PPGCF
W, R/W
0X000001B
00004EH
PPGE/PPGF Count Clock Select
Register
PPGEF
R/W
000000X0B
00004FH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com