Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MB90F962 Arkusz danych(PDF) 8 Page - Cypress Semiconductor

Numer części MB90F962
Szczegółowy opis  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962 Arkusz danych(HTML) 8 Page - Cypress Semiconductor

Back Button MB90F962 Datasheet HTML 4Page - Cypress Semiconductor MB90F962 Datasheet HTML 5Page - Cypress Semiconductor MB90F962 Datasheet HTML 6Page - Cypress Semiconductor MB90F962 Datasheet HTML 7Page - Cypress Semiconductor MB90F962 Datasheet HTML 8Page - Cypress Semiconductor MB90F962 Datasheet HTML 9Page - Cypress Semiconductor MB90F962 Datasheet HTML 10Page - Cypress Semiconductor MB90F962 Datasheet HTML 11Page - Cypress Semiconductor MB90F962 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
MB90960 Series
DS07-13749-3E
7
■ PIN DESCRIPTION
(Continued)
Pin No.
Pin name
Circuit type
Function
LQFP-48P*
1AVCC
IVCC power input pin for analog circuit.
2
AVR
⎯
Power (Vref
+) input pin for A/D converter.
AVR should not exceed VCC.
3 to 8
P60 to P65
H
General-purpose I/O ports.
AN0 to AN5
Analog input pins for A/D converter.
9, 10
P66, P67
H
General-purpose I/O ports.
AN6, AN7
Analog input pins for A/D converter.
PPGC (D) ,
PPGE (F)
Output pins for PPG.
11
P80
F
General-purpose I/O port.
ADTG
Trigger input pin for A/D converter.
INT12R
External interrupt request input pin for INT12R.
12 to 14
P50 to P52
H
General-purpose I/O ports (I/O circuit type of P50 is different
from that of MB90V340E) .
AN8 to AN10
Analog input pins for A/D converter.
15
P53
H
General-purpose I/O port.
AN11
Analog input pin for A/D converter.
TIN3
Event input pin for reload timer 3.
16
P54
H
General-purpose I/O port.
AN12
Analog input pin for A/D converter.
TOT3
Output pin for reload timer 3.
INT8
External interrupt request input pin for INT8.
17 to 19
P55 to P57
H
General-purpose I/O ports.
AN13 to AN15
Analog input pins for A/D converter.
INT10, INT11,
INT13
External interrupt request input pins for INT10, INT11, INT13.
20
MD2
D
Input pin for selecting operation mode.
21, 22
MD1, MD0
C
Input pins for selecting operation mode.
23
RST
E
Reset input pin.
24
VCC
⎯
Power input pin (3.5 V to 5.5 V) .
25
VSS
⎯
Power input pin (0 V) .
26
C
I
Capacity pin for stabilizing power supply. It should be connect-
ed to a higher than or equal to 0.1
μF ceramic capacitor.
27
X0
A
Oscillation input pin.
28
X1
Oscillation output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com