Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L99MM70XP Arkusz danych(PDF) 25 Page - STMicroelectronics

Numer części L99MM70XP
Szczegółowy opis  INH input for external CAN transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MM70XP Arkusz danych(HTML) 25 Page - STMicroelectronics

Back Button L99MM70XP Datasheet HTML 21Page - STMicroelectronics L99MM70XP Datasheet HTML 22Page - STMicroelectronics L99MM70XP Datasheet HTML 23Page - STMicroelectronics L99MM70XP Datasheet HTML 24Page - STMicroelectronics L99MM70XP Datasheet HTML 25Page - STMicroelectronics L99MM70XP Datasheet HTML 26Page - STMicroelectronics L99MM70XP Datasheet HTML 27Page - STMicroelectronics L99MM70XP Datasheet HTML 28Page - STMicroelectronics L99MM70XP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
L99MM70XP
Description
Doc ID 022637 Rev 2
25/68
Serial Data Out (DO)
The data output driver is activated by a logical low-level at the CSN input and goes from high
impedance to a low or high-level depending on the global error flag (fault condition). The first
rising edge of the CLK input after a high to low transition of the CSN pin transfers the
content of the selected status register into the data out shift register. Each subsequent
falling edge of the CLK shifts out the next bit.
Serial Clock (CLK)
The CLK input is used to synchronize the input and output serial bit streams. The Data Input
(DI) is sampled at the rising edge of the CLK and the Data Output (DO) changes with the
falling edge of the CLK signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68