| Zakładka z wyszukiwarką danych komponentów |
|
L99MM70XP Arkusz danych(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MM70XP Arkusz danych(HTML) 46 Page - STMicroelectronics |
|
46 / 68 page ![]() Electrical characteristics L99MM70XP 46/68 Doc ID 022637 Rev 2 Figure 15. LIN transmit and receive timing 8.11 SPI and PWM inputs 8.11.1 DC characteristics The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V V S 18 V; all outputs open; Tamb = -40 °C...125 °C, unless otherwise specified. Table 23. DC characteristics Symbol Parameter Test condition Min. Typ. Max. Unit Inputs: CSN, CLK, DI, PWM1, PWM2, PWM3 VIL Input voltage low-level VS = 13.5 V 0.3 VCC V VIH Input voltage high-level VS = 13.5 V 0.7 VCC V VIHYS Input hysteresis VS = 13.5 V 500 mV RCSN in CSN pull up resistor VS =13.5V, 0<VCSN <0.7 VCC 30 120 250 k RCLK in CLK pull down resistor VS = 13.5 V, VCLK =1.5 V 30 60 150 k RDI in DI pull down resistor VS = 13.5 V, VDI =1.5 V 30 60 150 k RPWM1 in PWM1 pull down resistor VS = 13.5 V, VPWM1 =1.5 V 30 60 150 k RPWM2 in PWM2 pull down resistor VS = 13.5 V, VPWM2 =1.5 V 30 60 150 k PWM3 See Section 8.9.5: INH/PWM3 input Output: DO VOL Output voltage low-level IOL =5mA, VS = 13.5 V 0.3 VCC V VOH Output voltage high-level IOH =-5mA, VS = 13.5 V 0.7 VCC V |