Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L99MM70XP Arkusz danych(PDF) 43 Page - STMicroelectronics

Numer części L99MM70XP
Szczegółowy opis  INH input for external CAN transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MM70XP Arkusz danych(HTML) 43 Page - STMicroelectronics

Back Button L99MM70XP Datasheet HTML 39Page - STMicroelectronics L99MM70XP Datasheet HTML 40Page - STMicroelectronics L99MM70XP Datasheet HTML 41Page - STMicroelectronics L99MM70XP Datasheet HTML 42Page - STMicroelectronics L99MM70XP Datasheet HTML 43Page - STMicroelectronics L99MM70XP Datasheet HTML 44Page - STMicroelectronics L99MM70XP Datasheet HTML 45Page - STMicroelectronics L99MM70XP Datasheet HTML 46Page - STMicroelectronics L99MM70XP Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
L99MM70XP
Electrical characteristics
Doc ID 022637 Rev 2
43/68
8.9.5
INH/PWM3 input
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 8 V
 V
S  16 V; Tamb = -40 °C...125 °C, unless otherwise specified.
8.10
LIN
Compatible to LIN 2.1 for baud rates up to 20 kBit/s
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 7 V
 V
S  18 V; Tamb = -40 °C...125 °C, unless otherwise specified.
Table 21.
INH/PWM3 input
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IINHth
Wake-up activate threshold
current
30
75
120
µA
IINHPd
INH pull down current
VINH = 13.5 V
30
70
120
µA
IINHhys
Wake-up current hysteresis
10
20
µA
tWU
Minimum time for wake-up
50
64
77
µs
Table 22.
LIN
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
LIN transmit data input: pin TXD
VTXDLOW
Input voltage
dominant level
Active mode
0.3 VCC
V
VTXDHIGH
Input voltage
recessive level
Active mode
0.7 VCC
V
VTXDHYS
VTXDHIGH -VTXDLOW
Active mode
500
mV
RTXDPU
TXD pull up resistor
Active mode, VS =13.5V,
0<VCSN <0.7 VCC
50
100
150
k
LIN receive data output: pin RXD
VRXDLOW
Output voltage
dominant level
Active mode, IRXD = 2 mA
0.3 VCC
V
VRXDHIGH
Output voltage
recessive level
Active mode, IRXD = 2 mA
0.7 VCC
V
LIN transmitter and receiver: pin LIN
VTHdom
Receiver threshold
voltage recessive to
dominant state
0.4 VS
0.45 VS
0.5 VS
V
VTHrec
Receiver threshold
voltage dominant to
recessive state
0.5 VS
0.55 VS
0.6 VS
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68