Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 15 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 15 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 11Page - STMicroelectronics STM32L496AE Datasheet HTML 12Page - STMicroelectronics STM32L496AE Datasheet HTML 13Page - STMicroelectronics STM32L496AE Datasheet HTML 14Page - STMicroelectronics STM32L496AE Datasheet HTML 15Page - STMicroelectronics STM32L496AE Datasheet HTML 16Page - STMicroelectronics STM32L496AE Datasheet HTML 17Page - STMicroelectronics STM32L496AE Datasheet HTML 18Page - STMicroelectronics STM32L496AE Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 263 page
background image
DocID029173 Rev 2
15/263
STM32L496xx
Description
60
The STM32L496xx family offers six packages from 64-pin to 169-pin packages.
Table 2. STM32L496xx family device features and peripheral counts
Peripheral
STM32L496Ax STM32L496Zx STM32L496Qx
STM32L496Vx
STM32L496Rx
Flash memory
512KB
1MB
512KB
1MB
512KB
1MB
512KB
1MB
512KB
1MB
SRAM
320 KB
External memory
controller for static
memories
Yes
Yes
Yes
Yes(1)
No
Quad SPI
Yes
Timers
Advanced
control
2 (16-bit)
General
purpose
5 (16-bit)
2 (32-bit)
Basic
2 (16-bit)
Low power
2 (16-bit)
SysTick timer
1
Watchdog
timers
(independent
window)
2
Comm.
interfaces
SPI
3
I2C4
USART
UART
LPUART
3
2
1
SAI
2
CAN
2
USB OTG FS
Yes
SDMMC
Yes
SWPMI
Yes
Digital filters for sigma-
delta modulators
Yes (4 filters)
Number of channels
8
RTC
Yes
Tamper pins
3
Camera interface
Yes
Yes(2)
Chrom-ART
Accelerator™
Yes
LCD
COM x SEG
Yes
8x40 or 4x44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com